Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB20H04-JD Datasheet(PDF) 31 Page - SMSC Corporation

Part # USB20H04-JD
Description  4-PORT USB 2.0 HUB CONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB20H04-JD Datasheet(HTML) 31 Page - SMSC Corporation

Back Button USB20H04-JD Datasheet HTML 27Page - SMSC Corporation USB20H04-JD Datasheet HTML 28Page - SMSC Corporation USB20H04-JD Datasheet HTML 29Page - SMSC Corporation USB20H04-JD Datasheet HTML 30Page - SMSC Corporation USB20H04-JD Datasheet HTML 31Page - SMSC Corporation USB20H04-JD Datasheet HTML 32Page - SMSC Corporation USB20H04-JD Datasheet HTML 33Page - SMSC Corporation USB20H04-JD Datasheet HTML 34Page - SMSC Corporation USB20H04-JD Datasheet HTML 35Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
4-Port USB 2.0 Controller
Datasheet
SMSC USB20H04
Page 31
Revision 1.63 (03-30-07)
DATASHEET
Table 9.7 - Interface Descriptor (present if multiple-TT)
OFFSET
HIGH
SPEED
FIELD NAME
DESCRIPTION
0
09h
bLength
Size of this descriptor in bytes
1
04h
bDescriptorType
INTERFACE Descriptor Type
2
00h
bInterfaceNumber
Number of this interface
3
01h
bAlternateSetting
Value used to select this alternate setting for
the interface
4
01h
bNumEndpoints
Number of endpoints used by this interface (not
including endpoint 0)
5
09h
bInterfaceClass
Class code assigned by USB for Hubs
6
00h
bInterfaceSubClass
Subclass code assigned by USB
7
02h
bInterfaceProtcol
Protocol code assigned by USB
8
00h
bInterface
Index of string descriptor describing this
configuration (string not supported)
Table 9.8 - On-The-GO (OTG) Descriptor
OFFSET
FULL
SPEED
HIGH SPEED
FIELD NAME
DESCRIPTION
0
03h
03h
bLength
Size of this descriptor in bytes
1
09h
09h
bDescriptorType
OTG Descriptor Type
Attribute Fields:
D[7:2] = Reserved
D1: HNP Support (not supported)
2
01h
01h
wMaxPacketSize
D0: SRP Support.
Table 9.9 - Class-Specific Hub Descriptor (Full-Speed and High-Speed)
OFFSET
FIELD NAME
VALUE
DESCRIPTION
0
Length
09h
Size of this Descriptor.
1
Descriptor Type
29h
Hub Descriptor Type.
2
NbrPorts
user
Number of downstream facing ports this Hub
supports. Derived from OEM value defined in
EEPROM or SMBus load. See Section 11.23.2.1 in
the USB Specification.
Note: If Dynamic Power is enabled, and the
SELF_PWR pin is low (indicating Bus Power
Operation), then ports 3 & 4 are not available and
either a value of 1 is reported if the OEM value is 1
or a value of 2 is reported if the OEM value is 2, 3
or 4.
3,4
HubCharacteristics
user
Defines several characteristics that are derived
from OEM values. Also defines TT Think Time
(fixed at a value of 00b for 8FS bit times max).
5
PwrOn2PwrGood
user
Time (in 2 ms intervals) from the time the power-on
sequence begins on a port until power is good on
that port. Derived from OEM value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com