Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLSF595 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLSF595
Description  Serial (SPI) Tri-Color LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSF595 Datasheet(HTML) 1 Page - ON Semiconductor

  NLSF595_05 Datasheet HTML 1Page - ON Semiconductor NLSF595_05 Datasheet HTML 2Page - ON Semiconductor NLSF595_05 Datasheet HTML 3Page - ON Semiconductor NLSF595_05 Datasheet HTML 4Page - ON Semiconductor NLSF595_05 Datasheet HTML 5Page - ON Semiconductor NLSF595_05 Datasheet HTML 6Page - ON Semiconductor NLSF595_05 Datasheet HTML 7Page - ON Semiconductor NLSF595_05 Datasheet HTML 8Page - ON Semiconductor NLSF595_05 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2005
July, 2005 − Rev. 8
1
Publication Order Number:
NLSF595/D
NLSF595
Serial (SPI) Tri−Color
LED Driver
The NLSF595 is advanced CMOS shift register with open drain
outputs fabricated with 0.6
mm silicon gate CMOS technology. This
device is used in conjunction with a microcontroller, with only one
dedicated line. All pins have Overvoltage Protection that allows
voltages above VCC up to 7.0 V to be present on the pins without
damage or disruption of operation of the part, regardless of the
operating voltage. This device may be used between 2.0 and 5.5 volts,
the output driver level may be independent of supply voltage:
0−7.0 volts.
Features
Parallel Outputs are Open Drain Capable of Sinking > 12 mA
Output Withstands up to +7.0 Regardless of VCC
Standard Serial (SPI) Interface, Data, Clock, Enable (Low)
All Inputs CMOS Level Compatible
Frees up I/O around a Microcontroller
Only One Pin Dedicated to this Device (Latch Enable)
Output Enable may be Permanently Pulled Low
High Speed Clocking, Fmax > 25 MHz (Shift Clock)
Eight Bits Parallel Output
Double Buffered Outputs, so Register may Fill without Affecting
Output
STD CMOS Serial Output, may be used to Cascade more than One
Device
Each Part Controls Two Tri−Color LEDs
Two Devices can Control 5 Tri−Color LEDs
Low Leakage: ICC = 2.0 mA (Max) at TA = 25°C
Latchup Performance Exceeds 100 mA
QFN−16/TSSOP−16 Packages
ESD Performance: Human Body Model; > 2000 V,
Machine Model; > 200 V
Functionally Similar to the Popular 74VHC595
Pb−Free Packages are Available
MARKING
DIAGRAMS
TSSOP−16
DT SUFFIX
CASE 948F
NLSF
595
ALYW
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
QFN−16
MN SUFFIX
CASE 485G
SF
595
ALYW
(Top View)
See detailed ordering and shipping information in the package
dimensions section on page 12 of this data sheet.
ORDERING INFORMATION
16
1
16
9
1
8
16
1
http://onsemi.com


Similar Part No. - NLSF595_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSF595DR2 ONSEMI-NLSF595DR2 Datasheet
130Kb / 16P
Serial (SPI) Tri-Color LED Driver
November, 2004 ??Rev. 7
NLSF595DTR2 ONSEMI-NLSF595DTR2 Datasheet
130Kb / 16P
Serial (SPI) Tri-Color LED Driver
November, 2004 ??Rev. 7
NLSF595DTR2G ONSEMI-NLSF595DTR2G Datasheet
163Kb / 14P
Serial (SPI) Tri-Color LED Driver
June, 2011 ??Rev. 9
NLSF595MNR2 ONSEMI-NLSF595MNR2 Datasheet
130Kb / 16P
Serial (SPI) Tri-Color LED Driver
November, 2004 ??Rev. 7
NLSF595MNR2G ONSEMI-NLSF595MNR2G Datasheet
130Kb / 16P
Serial (SPI) Tri-Color LED Driver
November, 2004 ??Rev. 7
More results

Similar Description - NLSF595_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSF595 ONSEMI-NLSF595 Datasheet
130Kb / 16P
Serial (SPI) Tri-Color LED Driver
November, 2004 ??Rev. 7
NLSF595DTR2G ONSEMI-NLSF595DTR2G Datasheet
163Kb / 14P
Serial (SPI) Tri-Color LED Driver
June, 2011 ??Rev. 9
logo
Visual Communications C...
6300 VCC-6300 Datasheet
79Kb / 1P
Tri-Color Rectangular LED Assembly
logo
List of Unclassifed Man...
QBLP600-RGB ETC1-QBLP600-RGB Datasheet
425Kb / 7P
TRI COLOR LED
logo
Micropac Industries
62098 MICROPAC-62098 Datasheet
170Kb / 3P
TRI-COLOR HERMETIC LED INDICATORS
62118 MICROPAC-62118 Datasheet
111Kb / 2P
TRI-COLOR HERMETIC LED INDICATORS
logo
STANLEY ELECTRIC CO.,LT...
ARGB1313HS-TR STANLEY-ARGB1313HS-TR Datasheet
683Kb / 32P
RGB tri-color emitting LED
CRGB1314ASE-TR STANLEY-CRGB1314ASE-TR Datasheet
740Kb / 30P
RGB tri-color emitting LED
CRGB1318FSE-TM STANLEY-CRGB1318FSE-TM Datasheet
851Kb / 32P
RGB tri-color emitting LED
logo
SparkFun Electronics
DEV-08467 SPARKFUN-DEV-08467 Datasheet
99Kb / 1P
LilyPad Tri-Color LED
10/12/2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com