Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLSF595 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NLSF595
Description  Serial (SPI) Tri-Color LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSF595 Datasheet(HTML) 4 Page - ON Semiconductor

  NLSF595_05 Datasheet HTML 1Page - ON Semiconductor NLSF595_05 Datasheet HTML 2Page - ON Semiconductor NLSF595_05 Datasheet HTML 3Page - ON Semiconductor NLSF595_05 Datasheet HTML 4Page - ON Semiconductor NLSF595_05 Datasheet HTML 5Page - ON Semiconductor NLSF595_05 Datasheet HTML 6Page - ON Semiconductor NLSF595_05 Datasheet HTML 7Page - ON Semiconductor NLSF595_05 Datasheet HTML 8Page - ON Semiconductor NLSF595_05 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NLSF595
http://onsemi.com
4
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Positive DC Supply Voltage
−0.5 to +7.0
V
VIN
Digital Input Voltage
−0.5 to +7.0
V
VOUT
DC Output Voltage
−0.5 to VCC +7.0
V
IIK
Input Diode Current
−20
mA
IOK
Output Diode Current
$50
mA
IOUT
DC Output Current, per Pin
+50
mA
ICC
DC Supply Current, VCC and GND Pins
$75
mA
PD
Power Dissipation in Still Air
450
mW
TSTG
Storage Temperature Range
−65 to +150
°C
ILATCHUP
Latchup Performance
Above VCC and Below GND at 125°C (Note 1)
$300
mA
qJA
Thermal Resistance, Junction−to−Ambient
128
°C/W
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. Tested to EIA/JESD78
RECOMMENDED OPERATING CONDITIONS
Symbol
Characteristics
Min
Max
Unit
VCC
DC Supply Voltage
2.0
5.5
V
VIN
DC Input Voltage
0
5.5
V
VOUT
DC Output Voltage
0
VCC
V
TA
Operating Temperature Range, all Package Types
−55
125
°C
tr, tf
Input Rise or Fall Time
VCC = 3.3 V + 0.3 V
VCC = 5.0 V + 0.5 V
0
50
15
ns/V
FUNCTION TABLE
Operation
Inputs
Resulting Function
Reset
(SCLR)
Serial
Input
(SI)
Shift
Clock
(SCK)
Reg
Clock
(RCK)
Output
Enable
(OE)
Shift
Register
Contents
Storage
Register
Contents
Serial
Output
(SQH)
Parallel
Outputs
(QA − QH)
Clear shift register
L
X
X
L, H,
↓
L
L
U
L
U
Shift data into shift
register
H
D
↑
L, H,
↓
L
D
→SRA;
SRN→SRN+1
U
SRG→SRH
U
Registers remains
unchanged
H
X
L, H,
↓
X
L
U
**
U
**
Transfer shift register
contents to storage
register
H
X
L, H,
↓
↑
L
U
SRN³STRN
*
SRN
Storage register remains
unchanged
X
X
X
L, H,
↓
L
*
U
*
U
Enable parallel outputs
X
X
X
X
L
*
**
*
Enabled
Force outputs into high
impedance state
X
X
X
X
H
*
**
*
Z
SR = shift register contents
D = data (L, H) logic level
↓ = High−to−Low
* = depends on Reset and Shift Clock inputs
STR = storage register contents
U = remains unchanged
↑ = Low−to−High
** = depends on Register Clock input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com