Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYW97F Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BYW97F
Description  Fast soft-recovery controlled avalanche rectifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYW97F Datasheet(HTML) 2 Page - NXP Semiconductors

  BYW97F Datasheet HTML 1Page - NXP Semiconductors BYW97F Datasheet HTML 2Page - NXP Semiconductors BYW97F Datasheet HTML 3Page - NXP Semiconductors BYW97F Datasheet HTML 4Page - NXP Semiconductors BYW97F Datasheet HTML 5Page - NXP Semiconductors BYW97F Datasheet HTML 6Page - NXP Semiconductors BYW97F Datasheet HTML 7Page - NXP Semiconductors BYW97F Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1996 Sep 18
2
Philips Semiconductors
Product specification
Fast soft-recovery
controlled avalanche rectifiers
BYW97 series
FEATURES
• Glass passivated
• High maximum operating
temperature
• Low leakage current
• Excellent stability
• Guaranteed avalanche energy
absorption capability
• Available in ammo-pack
• Also available with preformed leads
for easy insertion.
DESCRIPTION
Rugged glass package, using a high temperature alloyed construction.
This package is hermetically sealed and fatigue free as coefficients of
expansion of all used parts are matched.
Fig.1 Simplified outline (SOD64) and symbol.
2/3 page (Datasheet)
MAM104
ka
,

,

LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM
repetitive peak reverse voltage
BYW97F
−
1200
V
BYW97G
−
1400
V
VR
continuous reverse voltage
BYW97F
−
1200
V
BYW97G
−
1400
V
IF(AV)
average forward current
Ttp =50 °C; lead length = 10 mm
see Fig.2;
averaged over any 20 ms period;
see also Fig.6
−
3.3
A
IF(AV)
average forward current
Tamb =55 °C; PCB mounting (see
Fig.11); see Fig.3;
averaged over any 20 ms period;
see also Fig.6
−
1.3
A
IFRM
repetitive peak forward current
Ttp =50 °C; see Fig.4
−
33
A
Tamb =55 °C; see Fig.5
−
13
A
IFSM
non-repetitive peak forward current
t = 10 ms half sine wave;
Tj =Tj max prior to surge;
VR =VRRMmax
−
60
A
ERSM
non-repetitive peak reverse
avalanche energy
L = 120 mH; Tj =Tj max prior to
surge; inductive load switched off
−
10
mJ
Tstg
storage temperature
−65
+175
°C
Tj
junction temperature
see Fig.7
−65
+175
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com