Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYW97F Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BYW97F
Description  Fast soft-recovery controlled avalanche rectifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYW97F Datasheet(HTML) 4 Page - NXP Semiconductors

  BYW97F Datasheet HTML 1Page - NXP Semiconductors BYW97F Datasheet HTML 2Page - NXP Semiconductors BYW97F Datasheet HTML 3Page - NXP Semiconductors BYW97F Datasheet HTML 4Page - NXP Semiconductors BYW97F Datasheet HTML 5Page - NXP Semiconductors BYW97F Datasheet HTML 6Page - NXP Semiconductors BYW97F Datasheet HTML 7Page - NXP Semiconductors BYW97F Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1996 Sep 18
4
Philips Semiconductors
Product specification
Fast soft-recovery
controlled avalanche rectifiers
BYW97 series
GRAPHICAL DATA
a = 1.57; VR =VRRMmax; δ = 0.5.
Fig.2
Maximum permissible average forward
current as a function of tie-point temperature
(including losses due to reverse leakage).
handbook, halfpage
0
200
4
0
2
MLB523
100
I F(AV)
(A)
T
( C)
o
tp
3
lead length 10 mm
1
a = 1.57; VR =VRRMmax; δ = 0.5.
Device mounted as shown in Fig.11.
Fig.3
Maximum permissible average forward
current as a function of ambient temperature
(including losses due to reverse leakage).
0
200
2.0
0
0.4
1.6
MLB524
100
I F(AV)
(A)
T
( C)
o
amb
0.8
1.2
Ttp =50°C; Rth j-tp = 25 K/W.
VRRMmax during 1 −δ; curves include derating for Tj max at VRRM = 1400 V.
Fig.4 Maximum repetitive peak forward current as a function of pulse time (square pulse) and duty factor.
0
20
10 2
110
10 2
10 3
10 4
MLB527
40
t
(ms)
p
10 1
I FRM
(A)
10
30
= 0.05
δ
0.1
0.2
0.5
1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com