| Electronic Components Datasheet Search |
|
UJA1069 Datasheet(PDF) 11 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
UJA1069 Datasheet(HTML) 11 Page - NXP Semiconductors |
|
11 / 64 page ![]() UJA1069_2 © NXP B.V. 2007. All rights reserved. Preliminary data sheet Rev. 02 — 5 March 2007 11 of 64 NXP Semiconductors UJA1069 LIN fail-safe system basis chip When an interrupt event occurs the application software has to read the Interrupt register within tRSTN(INT). Otherwise a fail-safe system reset is forced and Start-up mode will be entered. If the application has read out the Interrupt register within the specified time, it can decide whether to switch into Normal mode via an SPI access or to stay in Standby mode. The following operations are possible from Standby mode: • Cyclic wake-up by the watchdog via an interrupt signal to the microcontroller (the microcontroller is triggered periodically and checked for the correct response) • Cyclic wake-up by the watchdog via a reset signal (a reset is performed periodically; the SBC provides information about the reset source to allow different start sequences after reset) • Wake-up by activity on the LIN-bus via an interrupt signal to the microcontroller • Wake-up by bus activity on the LIN-bus via a reset signal • Wake-up by increasing the microcontroller supply current without a reset signal (where a stable supply is needed for the microcontroller RAM contents to remain valid and wake-up from an external application not connected to the SBC) • Wake-up by increasing the microcontroller supply current with a reset signal • Wake-up due to a falling edge at pin WAKE forcing an interrupt to the microcontroller • Wake-up due to a falling edge at pin WAKE forcing a reset signal 6.2.6 Sleep mode In Sleep mode the microcontroller power supply (V1) and the INH/LIMP controlled external supplies are switched off entirely, resulting in minimum system power consumption. In this mode, the watchdog runs in Time-out mode or is completely off. Entering Sleep mode results in an immediate LOW level on pin RSTN, thus stopping any operation of the microcontroller. The INH/LIMP output is floating in parallel and pin V1 is disabled. It is also possible for V3 to be ON, OFF or in Cyclic mode to supply external wake-up switches. If the watchdog is not disabled in software, it will continue to run and force a system reset upon overflow of the programmed period time. The SBC enters Start-up mode and pin V1 becomes active again. This behavior can be used for a cyclic wake-up from Sleep mode. Depending on the application, the following operations can be selected from Sleep mode: • Cyclic wake-up by the watchdog (only in Time-out mode); a reset is performed periodically, the SBC provides information about the reset source to allow different start sequences after reset • Wake-up by activity on the LIN-bus or falling edge at pin WAKE • An overload on V3, only if V3 is in a cyclic or in continuously ON mode 6.2.7 Flash mode Flash mode can only be entered from Normal mode by entering a specific Flash mode entry sequence. This fail-safe control sequence comprises three consecutive write accesses to the Mode register, within the legal windows of the watchdog, using the |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |