| Electronic Components Datasheet Search |
|
M68HC05 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
M68HC05 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc |
|
39 / 302 page ![]() MC68HC05B6 Rev. 4.1 Freescale 2-11 MODES OF OPERATION AND PIN DESCRIPTIONS 2 2.5.5 TCAP2 The TCAP2 input controls the input capture 2 function of the on-chip programmable timer system. 2.5.6 TCMP1 The TCMP1 pin is the output of the output compare 1 function of the timer system. 2.5.7 TCMP2 The TCMP2 pin is the output of the output compare 2 function of the timer system. 2.5.8 OSC1, OSC2 These pins provide control input for an on-chip oscillator circuit. A crystal, ceramic resonator or external clock signal connected to these pins supplies the oscillator clock. The oscillator frequency (fOSC) is divided by two to give the internal bus frequency (fOP). There is also a software option which introduces an additional divide by 16 into the oscillator clock, giving an internal bus frequency of fOSC/32. 2.5.8.1 Crystal The circuit shown in Figure 2-5(a) is recommended when using either a crystal or a ceramic resonator. Figure 2-5(d) lists the recommended capacitance and feedback resistance values. The internal oscillator is designed to interface with an AT-cut parallel-resonant quartz crystal resonator in the frequency range specified for fOSC (see Section 11.4). Use of an external CMOS oscillator is recommended when crystals outside the specified ranges are to be used. The crystal and associated components should be mounted as close as possible to the input pins to minimise output distortion and start-up stabilisation time. The manufacturer of the particular crystal being considered should be consulted for specific information. 2.5.8.2 Ceramic resonator A ceramic resonator may be used instead of a crystal in cost sensitive applications. The circuit shown in Figure 2-5(a) is recommended when using either a crystal or a ceramic resonator. Figure 2-5(d) lists the recommended capacitance and feedback resistance values. The manufacturer of the particular ceramic resonator being considered should be consulted for specific information. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |