Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68HC05 Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # M68HC05
Description  Microcontrollers
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC05 Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button M68HC05 Datasheet HTML 45Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 46Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 47Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 48Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 49Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 50Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 51Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 52Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 302 page
background image
MC68HC05B6
Rev. 4.1
Freescale
3-7
MEMORY AND REGISTERS
3
EE1P – EEPROM protect bit
In order to achieve a higher degree of protection, the EEPROM is effectively split into two parts,
both working from the VPP1 charge pump. Part 1 of the EEPROM array (32 bytes from $0100 to
$011F) cannot be protected; part 2 (224 bytes from $0120 to $01FF) is protected by the EE1P bit
of the options register.
1 (set)
–
Part 2 of the EEPROM array is not protected; all 256 bytes of EEPROM
can be accessed for any read, erase or programming operations
0 (clear) –
Part 2 of the EEPROM array is protected; any attempt to erase or
program a location will be unsuccessful
When this bit is set to 1 (erased), the protection will remain until the next power-on or external
reset. EE1P can only be written to ‘0’ when the ELAT bit in the EEPROM control register is set.
SEC – Security bit
This high security bit allows the user to secure the EEPROM data from external accesses. When
the SEC bit is at ‘0’, the EEPROM contents are secured by preventing any entry to test mode. The
only way to erase the SEC bit to ‘1’ externally is to enter self-check mode, at which time the entire
EEPROM contents will be erased. When the SEC bit is changed, its new value will have no effect
until the next external or power-on reset.
3.6
EEPROM during STOP mode
When entering STOP mode, the EEPROM is automatically set to the read mode and the VPP1
high voltage charge pump generator is automatically disabled.
3.7
EEPROM during WAIT mode
The EEPROM is not affected by WAIT mode. Any program/erase operation will continue as in
normal operating mode. The charge pump is not affected by WAIT mode, therefore it is possible
to wait the tERA1 erase time or tPROG1 programming time in WAIT mode.
Under normal operating conditions, the charge pump generator is driven by the internal CPU
clocks. When the operating frequency is low, e.g. during WAIT mode, the clocking should be done
by the internal A/D RC oscillator. The RC oscillator is enabled by setting the ADRC bit of the A/D
status/control register at $0009.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com