Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3980 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A3980
Description  Automotive DMOS Microstepping Driver with Translator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3980 Datasheet(HTML) 4 Page - Allegro MicroSystems

  A3980 Datasheet HTML 1Page - Allegro MicroSystems A3980 Datasheet HTML 2Page - Allegro MicroSystems A3980 Datasheet HTML 3Page - Allegro MicroSystems A3980 Datasheet HTML 4Page - Allegro MicroSystems A3980 Datasheet HTML 5Page - Allegro MicroSystems A3980 Datasheet HTML 6Page - Allegro MicroSystems A3980 Datasheet HTML 7Page - Allegro MicroSystems A3980 Datasheet HTML 8Page - Allegro MicroSystems A3980 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Automotive DMOS Microstepping Driver
with Translator
A3980
4
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
ELECTRICAL CHARACTERISTICS at TJ = –40°C to +150ºC, VBB = 14 V, VDD = 3.0 to 5.5 V (unless otherwise noted)
Characteristics
Symbol
Test Conditions
Min.
Typ.1
Max.
Units
Output Drivers
Load Supply Voltage Range
VBB
Driving
Operating
Sleep mode
8
7
0
–
VOVB
50
35
V
Output Leakage Current2
IDSS
VOUT = VBB
VOUT = 0 V
–
< 1.0
< 1.0
20
–20
μA
Output-On Resistance
RDSON
Source driver, IOUT = –1 A, TA<25ºC
Sink driver, IOUT = 1 A, TA<25ºC
–
0.51
0.45
0.86
0.65
Ω
Source driver, IOUT = –1 A, TA<125ºC
Sink driver, IOUT = 1 A, TA<125ºC
–
0.87
0.72
1.06
0.83
Ω
Body Diode Forward Voltage
VF
Source diode, IF = –1 A
Sink diode, IF = 1 A
––
1.4
1.4
V
Motor Supply Current
IBB
fPWM < 50 kHz
Operating, outputs disabled
Sleep mode
––
8
6
20
mA
mA
μA
Logic Supply Current
IDD
fPWM < 50 kHz
Outputs off
Sleep mode
––
12
10
20
mA
mA
μA
Logic Interface
Logic Supply Voltage Range
VDD
Operating
3.0
5.0
5.5
V
Input Low Voltage
VIL
––
–
0.3 VDD
V
Input High Voltage
VIH
–
0.7 VDD
––
V
Input Hysteresis
VIHYS
–
200
300
500
mV
Input Current2
IIN
–
–20
< ±1
20
μA
Output Low Voltage
VOL
IO = 3 mA
––
0.4
V
Output High Voltage
VOH
IO = –200 μA
2.8
––
V
STEP Pin Low
tSTPL
–
1
––
μs
STEP Pin High
tSTPH
–
1
––
μs
Setup Time for Input Change to STEP
tSU
MS1, MS2, DIR
200
––
ns
Hold Time for Input Change from STEP
tH
MS1, MS2, DIR
200
––
ns
Wake-Up Time from SLEEP
tEN
––
–
1ms
Continued on next page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com