| Electronic Components Datasheet Search |
|
A3980 Datasheet(PDF) 14 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
A3980 Datasheet(HTML) 14 Page - Allegro MicroSystems |
|
14 / 18 page ![]() Automotive DMOS Microstepping Driver with Translator A3980 14 Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com Application Information The A3980 is a power circuit, therefore careful consider- ation must be given to power dissipation and the effects of high currents on interconnect and supply wiring. Power Dissipation. A first order approximation of the power dissipation in the A3980 can be determined by examining the power dissipation in each of the two full-bridges during each of the operation modes. When synchronous rectification is used, current flow most of the time through the DMOS FETs that are switched on. When synchronous rectification is not used, the current flows through the body diode of the DMOS FETs during the decay phase. The use of fast or slow decay also affects the dissipation. All the above combinations can be calculated from five basic DMOS output states, shown in the following illustrations. M + Drive Current Ramp Diagonally opposite DMOS output transistors are on. Cur- rent flows from positive supply through load to ground. Used in all combinations. Dissipation is I2R losses in the DMOS transistors: PD = I2(RDSONH+RDSONL) Synchronous Slow Decay Both low-side DMOS output transistors are on. Current circu- lates through both transistors and the load. Dissipation is I2R losses in the DMOS transistors: PSS = I2(2 × RDSONL) Synchronous Fast Decay Diagonally opposite DMOS output transistors are on. Current flows from ground through load to posi- tive supply. Dissipation is I2R losses in the DMOS transistors: PSF = I2(RDSONH + RDSONL) Non-Synchronous Slow Decay One low-side DMOS output tran- sistor and one body diode conduct- ing. Current circulates through the diode, the transistor, and the load. Dissipation is I2R losses in the DMOS transistors plus IV loss in the diode: PNS = (I2 × RDSONL)+ (I × VF) Non-Synchronous Fast Decay Diagonally opposite body diodes conducting. Current flows from ground through load to positive supply. Dissipation is IV losses in the diodes: PNF = I(VFH + VFl) M + M + M + M + |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |