Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL702 Datasheet(PDF) 12 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Part # BL702
Description  BL702/BL704/BL706 is highly integrated BLE and zigbee combo chipsets for IoT applications.
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOUFFALOALB [Bouffalo Lab Intelligent Technology Co., Ltd.]
Direct Link  https://en.bouffalolab.com/
Logo BOUFFALOALB - Bouffalo Lab Intelligent Technology Co., Ltd.

BL702 Datasheet(HTML) 12 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Back Button BL702 Datasheet HTML 8Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 9Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 10Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 11Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 12Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 13Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 14Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 15Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 16Page - Bouffalo Lab Intelligent Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
BL702/704/706 Datasheet
Table 2.2: Memory Map
Module
Base Address
Size
Description
RETRAM
0x40010000
4KB
Deep sleep memory (Retention RAM)
HBN
0x4000F000
4KB
Deep sleep control (Hibernate)
PDS
0x4000E000
4KB
Sleep control (Power Down Sleep)
USB
0x4000D800
1KB
USB control
EMAC
0x4000D000
2KB
Ethernet MAC control (BL704/BL706)
DMA
0x4000C000
4KB
DMA control
QSPI
0x4000B000
4KB
Flash/pSRAM QSPI control
CAM
0x4000AD00
256B
CAM control (BL706)
I2S
0x4000AA00
256B
I2S control
KYS
0x4000A900
256B
Key-Scan control
QDEC2
0x4000A880
64B
Quadrature decoder control
QDEC1
0x4000A840
64B
Quadrature decoder control
QDEC0
0x4000A800
64B
Quadrature decoder control
IRR
0x4000A600
256B
IR Remote control
TIMER
0x4000A500
256B
Timer control
PWM
0x4000A400
256B
Pulse Width Modulation *5 control
I2C
0x4000A300
256B
I2C control
SPI
0x4000A200
256B
SPI master/slave control
UART1
0x4000A100
256B
UART control (support ISO 17987)
UART0
0x4000A000
256B
UART control (support ISO 17987)
L1C
0x40009000
4KB
Cache control
eFuse
0x40007000
4KB
eFuse memory control
SEC
0x40004000
4KB
Security engine
GPIP
0x40002000
4KB
General purpose DAC/ADC/ACOMP interface control
MIX
0x40001000
4KB
Mixed signal register
GLB
0x40000000
4KB
Global control register
pSRAM
0x24000000
8MB
pSRAM memory
XIP
0x23000000
8MB
XIP Flash memory
OCRAM
0x22020000
64KB
On-chip memory
DTCM
0x22014000
48KB
Data cache memory
ITCM
0x22010000
16KB
Instruction cache memory
BL702/704/706 Datasheet
12/ 47
@2021 Bouffalo Lab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com