Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL702 Datasheet(PDF) 19 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Part # BL702
Description  BL702/BL704/BL706 is highly integrated BLE and zigbee combo chipsets for IoT applications.
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOUFFALOALB [Bouffalo Lab Intelligent Technology Co., Ltd.]
Direct Link  https://en.bouffalolab.com/
Logo BOUFFALOALB - Bouffalo Lab Intelligent Technology Co., Ltd.

BL702 Datasheet(HTML) 19 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Back Button BL702 Datasheet HTML 15Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 16Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 17Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 18Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 19Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 20Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 21Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 22Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 23Page - Bouffalo Lab Intelligent Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
BL702/704/706 Datasheet
PAD_GPIO_0
18
17
16
15
14
13
VDDBUS_USB
PAD_GPIO_8
PAD_GPIO_7
PAD_GPIO_3
PAD_GPIO_2
PAD_GPIO_1
12
11
8
7
6
5
4
3
2
VDDIO_1
QFN40
(23GPIOs)
AVDD15
VDDCORE
PAD_GPIO_15
PAD_GPIO_17
PAD_GPIO_14
36
35
34
33
30
29
28
27
26
25
24
23
1
40
39
38
37
9
10
XTAL_HF_OUT
22
XTAL_HF_IN
21
DCDC_OUT
SW_DCDC
32
31
20
19
PAD_GPIO_18
PAD_GPIO_20
PAD_GPIO_19
VDDIO_3
VDDIO_2
1.8V or 3.3V GPIO0-8 / GPIO23-31
GPIO9-13
GPIO14-22/GPIO32-37(Embedded PSRAM)
1.8V or 3.3V
3.3V
AVDD_RF
Fig. 3.2: Pin layout (QFN40)
BL706 48-pin package includes 11 power pins, 6 analog pins, and 31 flexible GPIO pins.
BL702/704/706 Datasheet
19/ 47
@2021 Bouffalo Lab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com