Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7577 Datasheet(PDF) 9 Page - Leadtrend Technology

Part # LD7577
Description  High Voltage Green-Mode PWM Controller with Brown-Out Protection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7577 Datasheet(HTML) 9 Page - Leadtrend Technology

Back Button LD7577 Datasheet HTML 5Page - Leadtrend Technology LD7577 Datasheet HTML 6Page - Leadtrend Technology LD7577 Datasheet HTML 7Page - Leadtrend Technology LD7577 Datasheet HTML 8Page - Leadtrend Technology LD7577 Datasheet HTML 9Page - Leadtrend Technology LD7577 Datasheet HTML 10Page - Leadtrend Technology LD7577 Datasheet HTML 11Page - Leadtrend Technology LD7577 Datasheet HTML 12Page - Leadtrend Technology LD7577 Datasheet HTML 13Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LD7577
9
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7577-DS-01 January 2009
Application Information
Operation Overview
As long as the green power requirement becomes a trend
and the power saving is becoming more and more important
for switching power supplies and switching adaptors, the
traditional PWM controllers are not able to support such new
requirements. Furthermore, the cost and size limitation
forces the PWM controllers to powerfully integrate more
functions, thereby reducing the external part count.
The
LD7577 is ideal for these applications to provide an easy
and cost effective solution; and its detailed features are
described as below.
Internal High-Voltage Startup Circuit and
Under Voltage Lockout (UVLO)
Fig. 13
Traditional circuits’ power on the PWM controller through a
startup resistor to constantly provide current from a rectified
voltage to the capacitor connected to Vcc pin. Nevertheless,
this startup resistor was usually of larger resistance, and it
therefore required more power and longer time to start up.
To achieve the optimized topology, as shown in figure 13,
the LD7577 is built in with high voltage startup circuit to
optimize the power saving. During the startup sequence, a
high-voltage current source sinks current from CBULK
capacitor to provide the startup current as well as to charge
the Vcc capacitor C1.
During the initialization of the startup,
Vcc voltage is lower than the UVLO(off) threshold thus the
current source is on to supply a current of 1mA.
Meanwhile, the Vcc current consumed by the LD7577 is as
low as 320
μA thus most of the HV current is utilized to
charge the Vcc capacitor.
By using such configuration, the
turn-on delay time will be almost the same no matter
whether operation condition is under low-line or high-line.
When Vcc voltage reaches UVLO(on) threshold, the
LD7577 is powered on to start issuing the gate drive signal,
the high-voltage current source is then disabled, and the
Vcc supply current will be only provided from the auxiliary
winding of the transformer.
Therefore, the power losses on
the startup circuit beyond the startup period can be
eliminated and the power saving can be easily achieved. In
general application, a 39K
Ω resistor is still recommended to
be placed in high voltage path to limit the current if there is a
negative voltage applying in any case.
An UVLO comparator is included to detect the voltage on
the VCC pin to ensure the supply voltage is high enough to
power on the LD7577 PWM controller and in addition to
drive the power MOSFET.
As shown in Fig. 14, a
Hysteresis is provided to prevent the shutdown caused by
the voltage dip during startup.
The turn-on and turn-off
threshold levels are set at 16V and 10.0V, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com