Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZD142W Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BZD142W
Description  ZenBlockTM; zener with integrated blocking diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZD142W Datasheet(HTML) 2 Page - NXP Semiconductors

  BZD142W Datasheet HTML 1Page - NXP Semiconductors BZD142W Datasheet HTML 2Page - NXP Semiconductors BZD142W Datasheet HTML 3Page - NXP Semiconductors BZD142W Datasheet HTML 4Page - NXP Semiconductors BZD142W Datasheet HTML 5Page - NXP Semiconductors BZD142W Datasheet HTML 6Page - NXP Semiconductors BZD142W Datasheet HTML 7Page - NXP Semiconductors BZD142W Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2001 Oct 10
2
Philips Semiconductors
Product specification
ZenBlockTM; zener with
integrated blocking diode
BZD142W
FEATURES
• Zener and 600 V/100 ns blocking function in one
package(1)
• Protects MOSFETS or power IC controllers such as
TINYSwitch
™(2), TOPSwitch™(2) and STARplug™(3)
• Glass passivated
• Excellent clamping capability and stability
• Supplied in 8 mm embossed tape.
DESCRIPTION
Cavity free cylindrical glass package through Implotec
™(4)
technology. This package is hermetically sealed and
fatigue free as coefficients of expansion of all used parts
are matched.
(1) Types BZD142W-68,-100 and -160 have a 600 V blocking
diode with a minimum trr of 1000 ns.
(2) TINYSwitch and TOPSwitch are trademarks of Power
Integrations.
(3) STARplug is a trademark of Koninklijke Philips Electronics
N.V.
(4) Implotec is a trademark of Koninklijke Philips Electronics N.V.
handbook, halfpage
MAM433
Fig.1 Simplified outline (SOD87).
LIMITING VALUES
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−65
+150
°C
Limiting values zener
Ptot
total power dissipation
Ttp = 105 °C; see Fig.2
−
1.5
W
PRSM
non-repetitive peak reverse power
dissipation
10/1000
µs exponential pulse;
Tj =25 °C prior to surge; see Fig.5
−
100
W
Limiting values blocking diode
VR
continuous reverse voltage
−
600
V
ERSM
non-repetitive peak reverse
avalanche energy
L = 120 mH; Tj =Tj max prior to
surge; inductive load switched off
−
7.5
mJ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com