Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZD142W Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BZD142W
Description  ZenBlockTM; zener with integrated blocking diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZD142W Datasheet(HTML) 4 Page - NXP Semiconductors

  BZD142W Datasheet HTML 1Page - NXP Semiconductors BZD142W Datasheet HTML 2Page - NXP Semiconductors BZD142W Datasheet HTML 3Page - NXP Semiconductors BZD142W Datasheet HTML 4Page - NXP Semiconductors BZD142W Datasheet HTML 5Page - NXP Semiconductors BZD142W Datasheet HTML 6Page - NXP Semiconductors BZD142W Datasheet HTML 7Page - NXP Semiconductors BZD142W Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2001 Oct 10
4
Philips Semiconductors
Product specification
ZenBlockTM; zener with
integrated blocking diode
BZD142W
GRAPHICAL DATA
handbook, halfpage
0
3.0
2.0
1.0
0
40
200
T (
°C)
P
(W)
80
120
160
MBL106
Fig.2
Maximum total power dissipation as a
function of temperature.
Solid line: tie-point temperature.
Dotted line: ambient temperature;
device mounted (see Fig.4).
handbook, halfpage
102
10
1
MBL107
110
Cd
(pF)
VR (V)
102
103
Fig.3
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tj =25 °C.
MSB213
4.5
2.5
1.25
50
50
Fig.4 Printed-circuit board for surface mounting.
Dimensions in mm.
handbook, halfpage
MGD521
IRSM
(%)
100
90
50
10
t1
t2
t
Fig.5
Non-repetitive peak reverse current pulse
definition.
In accordance with
“IEC 60060-1, Section 8”.
t1 =10 µs.
t2 = 1000 µs.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com