Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZD23 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BZD23
Description  Voltage regulator diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZD23 Datasheet(HTML) 7 Page - NXP Semiconductors

  BZD23 Datasheet HTML 1Page - NXP Semiconductors BZD23 Datasheet HTML 2Page - NXP Semiconductors BZD23 Datasheet HTML 3Page - NXP Semiconductors BZD23 Datasheet HTML 4Page - NXP Semiconductors BZD23 Datasheet HTML 5Page - NXP Semiconductors BZD23 Datasheet HTML 6Page - NXP Semiconductors BZD23 Datasheet HTML 7Page - NXP Semiconductors BZD23 Datasheet HTML 8Page - NXP Semiconductors BZD23 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
1996 Jun 10
7
Philips Semiconductors
Product specification
Voltage regulator diodes
BZD23 series
GRAPHICAL DATA
Fig.2
Maximum total power dissipation as a
function of temperature.
Types BZD23-C3V6 to -C6V8
Solid line: tie-point temperature; lead length = 10 mm.
Dotted line: ambient temperature; PCB mounted as shown in Fig.7.
handbook, halfpage
0
200
3
Ptot
(W)
0
1
2
MGD522
100
T (
°C)
Fig.3
Maximum total power dissipation as a
function of temperature.
Types BZD23-C7V5 to -C510
Solid line: tie-point temperature; lead length = 10 mm.
Dotted line: ambient temperature; PCB mounted as shown in Fig.7.
handbook, halfpage
0
200
3
Ptot
(W)
0
1
2
MGD523
100
T (
°C)
Tj =25 °C prior to surge.
See also Fig.5.
Fig.4
Maximum non-repetitive peak reverse
power dissipation as a function of pulse
duration (square pulse).
handbook, halfpage
10−2
10
102
103
104
10−1
1
tp (ms)
PZSM
(W)
10
MGD524
Tj =25 °C prior to surge.
Fig.5
Maximum non-repetitive peak reverse
power dissipation as a function of nominal
working voltage.
handbook, halfpage
0
3V9
4V7
6V8
400
300
100
0
200
MGD525
5V6
VZnom (V)
3V6
4V3
6V2
5V1
PZSM
(W)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com