Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZD23 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BZD23
Description  Voltage regulator diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZD23 Datasheet(HTML) 8 Page - NXP Semiconductors

  BZD23 Datasheet HTML 1Page - NXP Semiconductors BZD23 Datasheet HTML 2Page - NXP Semiconductors BZD23 Datasheet HTML 3Page - NXP Semiconductors BZD23 Datasheet HTML 4Page - NXP Semiconductors BZD23 Datasheet HTML 5Page - NXP Semiconductors BZD23 Datasheet HTML 6Page - NXP Semiconductors BZD23 Datasheet HTML 7Page - NXP Semiconductors BZD23 Datasheet HTML 8Page - NXP Semiconductors BZD23 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
1996 Jun 10
8
Philips Semiconductors
Product specification
Voltage regulator diodes
BZD23 series
Tj =25 °C.
Fig.6
Forward current as a function of forward
voltage; typical values.
handbook, halfpage
02
2
IF
(A)
0
MGD520
1
1
VF (V)
Fig.7 Device mounted on a printed-circuit board.
Dimensions in mm.
handbook, halfpage
MGA200
3
2
7
50
25
50
Fig.8
Non-repetitive peak reverse current pulse
definition.
In accordance with
“IEC 60-1, Section 8”.
t1 =10 µs.
t2 = 1000 µs.
handbook, halfpage
MGD521
IRSM
(%)
100
90
50
10
t1
t2
t



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com