Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZD27 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BZD27
Description  Voltage regulator diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZD27 Datasheet(HTML) 6 Page - NXP Semiconductors

  BZD27 Datasheet HTML 1Page - NXP Semiconductors BZD27 Datasheet HTML 2Page - NXP Semiconductors BZD27 Datasheet HTML 3Page - NXP Semiconductors BZD27 Datasheet HTML 4Page - NXP Semiconductors BZD27 Datasheet HTML 5Page - NXP Semiconductors BZD27 Datasheet HTML 6Page - NXP Semiconductors BZD27 Datasheet HTML 7Page - NXP Semiconductors BZD27 Datasheet HTML 8Page - NXP Semiconductors BZD27 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
1996 Jun 10
6
Philips Semiconductors
Product specification
Voltage regulator diodes
BZD27 series
Note
1. Non-repetitive peak reverse current in accordance with
“IEC 60-1, Section 8” (10/1000
µs pulse); see Fig.8.
THERMAL CHARACTERISTICS
Note
1. Device mounted on an epoxy-glass printed-circuit board, 1.5 mm thick; thickness of Cu-layer
≥40 µm, see Fig.7.
For more information please refer to the
“General Part of associated Handbook”.
BZD27-C180
168
0.09
0.13
5
249
0.60
5
150
BZD27-C200
188
0.09
0.13
5
276
0.54
5
160
BZD27-C220
208
0.09
0.13
2
305
0.50
5
180
BZD27-C240
228
0.09
0.13
2
336
0.45
5
200
BZD27-C270
251
0.09
0.13
2
380
0.40
5
220
BZD27-C300
280
0.09
0.13
2
419
0.36
5
240
BZD27-C330
310
0.09
0.13
2
459
0.33
5
270
BZD27-C360
340
0.09
0.13
2
498
0.30
5
300
BZD27-C390
370
0.09
0.13
2
537
0.28
5
330
BZD27-C430
400
0.09
0.13
2
603
0.25
5
360
BZD27-C470
440
0.09
0.13
2
655
0.23
5
390
BZD27-C510
480
0.09
0.13
2
707
0.21
5
430
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
BZD27-C3V6 to -C6V8
55
K/W
BZD27-C7V5 to -C510
30
K/W
Rth j-a
thermal resistance from junction to ambient
note 1
BZD27-C3V6 to -C6V8
175
K/W
BZD27-C7V5 to -C510
150
K/W
TYPE
NUMBER
REVERSE
BREAKDOWN
VOLTAGE
TEMPERATURE
COEFFICIENT
TEST
CURREN
T
CLAMPING
VOLTAGE
REVERSE
CURRENT at
STAND-OFF
VOLTAGE
V(BR)R (V)
at Itest
SZ (%/K) at Itest
Itest
(mA)
V(CL)R (V)
at IRSM
(A)
note 1
IR (µA)
at VR
(V)
MIN.
MIN.
MAX.
MAX.
MAX.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com