Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZD27 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BZD27
Description  Voltage regulator diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZD27 Datasheet(HTML) 2 Page - NXP Semiconductors

  BZD27 Datasheet HTML 1Page - NXP Semiconductors BZD27 Datasheet HTML 2Page - NXP Semiconductors BZD27 Datasheet HTML 3Page - NXP Semiconductors BZD27 Datasheet HTML 4Page - NXP Semiconductors BZD27 Datasheet HTML 5Page - NXP Semiconductors BZD27 Datasheet HTML 6Page - NXP Semiconductors BZD27 Datasheet HTML 7Page - NXP Semiconductors BZD27 Datasheet HTML 8Page - NXP Semiconductors BZD27 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
1996 Jun 10
2
Philips Semiconductors
Product specification
Voltage regulator diodes
BZD27 series
FEATURES
• Glass passivated
• High maximum operating
temperature
• Low leakage current
• Excellent stability
• Zener working voltage range:
3.6 to 270 V for 46 types
• Transient suppressor stand-off
voltage range: 6.2 to 430 V
for 45 types
• Supplied in 8 mm embossed tape.
DESCRIPTION
Cavity free cylindrical glass SOD87
package through Implotec
™(1)
technology. This package is
hermetically sealed and fatigue free
as coefficients of expansion of all
used parts are matched.
(1) Implotec is a trademark of Philips.
Fig.1 Simplified outline (SOD87) and symbol.
handbook, 4 columns
MAM249
ka
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Ptot
total power dissipation
Ttp = 105 °C; see Figs 2 and 3
BZD27-C3V6 to -C6V8
−
1.7
W
BZD27-C7V5 to -C510
−
2.3
W
Ptot
total power dissipation
PCB mounted (see Fig.7)
BZD27-C3V6 to -C6V8
Tamb =60 °C; see Fig.2
−
0.8
W
BZD27-C7V5 to -C510
Tamb =55 °C; see Fig.3
−
0.8
W
PZSM
non-repetitive peak reverse
power dissipation
tp = 100 µs; square pulse;
Tj =25 °C prior to surge; see Figs.4 and 5
BZD27-C3V6 to -C6V8
−
300
W
BZD27-C7V5 to -C510
−
300
W
PRSM
non-repetitive peak reverse
power dissipation
10/1000
µs exponential pulse (see Fig.8);
Tj =25 °C prior to surge
BZD27-C7V5 to -C510
−
150
W
Tstg
storage temperature
BZD27-C3V6 to -C6V8
−65
+200
°C
BZD27-C7V5 to -C510
−65
+175
°C
Tj
junction temperature
BZD27-C3V6 to -C6V8
−65
+200
°C
BZD27-C7V5 to -C510
−65
+175
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com