Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDA5876 Datasheet(PDF) 16 Page - RDA Microelectronics, Inc

Part # RDA5876
Description  SINGLE CHIP FOR BLUETOOTH & FM RADIO TUNER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RDA [RDA Microelectronics, Inc]
Direct Link  http://www.rdamicro.com/
Logo RDA - RDA Microelectronics, Inc

RDA5876 Datasheet(HTML) 16 Page - RDA Microelectronics, Inc

Back Button RDA5876 Datasheet HTML 12Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 13Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 14Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 15Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 16Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 17Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 18Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 19Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 20Page - RDA Microelectronics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
RDA Microelectronics, Inc.
RDA5876 Datasheet V1.2
Page 16 of 22
Table 10-1
RDA5876 Pins Description
PIN
NO.
DESCRIPTION
UART_RX
1
UART data input
PCM_DOUT
2
Synchronous data output
PCM_DIN
3
Synchronous data input
PCM_CLK
4
Synchronous data clock
PCM_SYNC
5
Synchronous data sync
VIO
6
IO power supply
VOUT18
7
Analog voltage output, connected with decouple capacitor
DCDC_SW
8
Internal DC/DC switch voltage output
VBAT
9
Bluetooth and FM power supply
XIN_32K
10
32.768K clock input or external 32.768K crystal
I2C_SDA
11
I2C interface Data signal
I2C_SCL
12
I2C interface Clock signal
XEN_OUT
13
Clock request output
XIN
14
For 26Mhz crystal input or external clock input
XTAL
15
For 26Mhz crystal input
LDO_ON
16
Internal LDO power on
NC
17
Should be not connected
NC
18
Should be not connected
RF
19
Bluetooth Radio signal
AGPIO0
20
Programmable I/O
Also used ad bt_active when using WIFI co-existence handshake interface.
AGPIO1
21
Programmable I/O.
Also used as bt_priority when using WIFI co-existence handshake interface.
FM_IN
22
LNA input port. For single-ended input, LNAN should be connected to RFGND
FM_IP
23
LNA input port. For single-ended input, LNAN should be connected to RFGND
NC
24
Connect to ground
NC
25
Should be not connected
NC
26
Connect to ground
FM_OUTR
27
Right audio output
FM_OUTL
28
Left audio output
VOUT12
29
Digital voltage output, connected with decouple capacitor
GPIO2
30
Programmable I/O.
Also used as wl_active when using WIFI co-existence handshake interface.
HOST_WAKE
31
Output to wakeup host
UART_TX
32
UART data output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com