Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDA5876 Datasheet(PDF) 12 Page - RDA Microelectronics, Inc

Part # RDA5876
Description  SINGLE CHIP FOR BLUETOOTH & FM RADIO TUNER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RDA [RDA Microelectronics, Inc]
Direct Link  http://www.rdamicro.com/
Logo RDA - RDA Microelectronics, Inc

RDA5876 Datasheet(HTML) 12 Page - RDA Microelectronics, Inc

Back Button RDA5876 Datasheet HTML 8Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 9Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 10Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 11Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 12Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 13Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 14Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 15Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 16Page - RDA Microelectronics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
RDA Microelectronics, Inc.
RDA5876 Datasheet V1.2
Page 12 of 22
Power Supply
The RDA5876 FM section integrated LDO which
supplies power to the chip. The external supply
voltage range is 1.8-5.5 V.
RESET and Control Interface select
The RDA5876 FM section is RESET itself When
VIO is Power up. And also support soft reset by
trigger 02H BIT1 from 0 to 1. The control interface
is I2C.
Control Interface
The I2C interface is compliant to I2C Bus
Specification 2.1. It includes two pins: SCL and
SDA. A I2C interface transfer begins with START
condition, a command byte and data bytes, each
byte has a followed ACK (or NACK) bit, and ends
with STOP condition. The command byte includes
a 7-bit chip address (0010000b) and a R/W bit.
The ACK (or NACK) is always sent out by receiver.
When in write transfer, data bytes is written out
from MCU, and when in read transfer, data bytes
is read out from RDA5876. There is no visible
register address in I2C interface transfers. The
I2C interface has a fixed start register address
(0x02h for write transfer and 0x0Ah for read
transfer), and an internal incremental address
counter. If register address meets the end of
register file, 0x3Ah, register address will wrap
back to 0x00h. For write transfer, MCU programs
registers from register 0x02h high byte, then
register 0x02h low byte, then register 0x03h high
byte, till the last register. RDA5876 always gives
out ACK after every byte, and MCU gives out
STOP condition when register programming is
finished. For read transfer, after command byte
from MCU, RDA5876 sends out register 0x0Ah
high byte, then register 0x0Ah low byte, then
register 0x0Bh high byte, till receives NACK from
MCU. MCU gives out ACK for data bytes besides
last data byte. MCU gives out NACK for last data
byte, and then RDA5876 will return the bus to
MCU, and MCU will give out STOP condition.
Details please refer to RDA5876 Programming
Guide and RDA5802N Programming Guide and
Datasheet.
I
2S Audio Data Interface
The RDA5876 supports I
2S (Inter_IC Sound Bus)
audio interface. The interface is fully compliant
with I
2S bus specification. When setting I2SEN bit
high, RDA5876 will output SCK, WS, SD signals
from GPIO_FM3, GPIO_FM1, GPIO_FM2 as I
2S
master and transmitter, the sample rate is
48Kbps , 44.1kbps,32kbps….. RDA5876 also
support as I
2S slaver mode and transmitter, the
sample rate is less than 100kbps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com