Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK818 Datasheet(PDF) 60 Page - Rockchip Electronics Co., Ltd

Part # RK818
Description  Input range: 3.8V - 6V for USB input 2.7V - 4.5V for BAT input
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK818 Datasheet(HTML) 60 Page - Rockchip Electronics Co., Ltd

Back Button RK818 Datasheet HTML 56Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 57Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 58Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 59Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 60Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 61Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 62Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 63Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 64Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 93 page
background image
RK818 Datasheet
Rev 1.0
Copyright ©2017 Fuzhou Rockchip Electronics Co., Ltd.
60
Description
Bit 7
BUCK2_ON_FPWM
1: Forced PWM mode in active mode.
0: PWM/PFM auto change mode.(default)
Bit 6
Reserved
Bit 5-0
BUCK2_ON_VSEL: BUCK2 active mode voltage selection, 0.7125V~1.5V ,
step=12.5mV
000 000: 0.7125V
000 001: 0.725V
……
111 111: 1.5V
The default value is set by boot.
BUCK2_SLP_VSEL : BUCK2 SLEEP MODE REGISTER
ADDRESS: 34H
TYPE: RW
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SYMBOL
BUCK2_S
LP_FPWM
RESV
BUCK2_SLP_VSEL
DEFAULT
0
0
0
0
0
0
0
0
Description
Bit 7
BUCK2_SLP_FPWM:
1: Forced PWM mode in sleep mode.
0: PWM/PFM auto change mode.(default)
Bit 6
Reserved
Bit 5-0
BUCK2_SLP_VSEL: BUCK1 sleep mode voltage selection, 0.7125V~1.5V ,
step=12.5mV
000 000: 0.7125V
000 001: 0.725V
……
111 111: 1.5V
BUCK3_CONFIG_REG : BUCK3 CONFIGURATION REGISTER
ADDRESS: 36H
TYPE: RW
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SYMBOL
BUCK3_
ON_FPW
M
BUCK3_
PHASE
RESV
RESV
RESV
BUCK3_ILMIN
DEFAULT
0
0
0
0
0
0
1
0
Description
Bit 7
BUCK3_ON_FPWM:
1: Forced PWM mode in active mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com