Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3002-I/ST Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP3002-I/ST
Description  2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3002-I/ST Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP3002-I/ST Datasheet HTML 26Page - Microchip Technology MCP3002-I/ST Datasheet HTML 27Page - Microchip Technology MCP3002-I/ST Datasheet HTML 28Page - Microchip Technology MCP3002-I/ST Datasheet HTML 29Page - Microchip Technology MCP3002-I/ST Datasheet HTML 30Page - Microchip Technology MCP3002-I/ST Datasheet HTML 31Page - Microchip Technology MCP3002-I/ST Datasheet HTML 32Page - Microchip Technology MCP3002-I/ST Datasheet HTML 33Page - Microchip Technology MCP3002-I/ST Datasheet HTML 34Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
 2000-2011 Microchip Technology Inc.
DS21294E-page 31
MCP3002
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device
MCP3002: 10-Bit Serial A/D Converter
MCP3002T: 10-Bit Serial A/D Converter
(Tape and Reel) (SOIC and TSSOP only
Temperature Range
I
= -40
C to +85C
(Industrial)
Package
MS
= Plastic Micro Small Outline (MSOP), 8-lead
P
= Plastic DIP (300 mil Body), 8-lead
SN
= Plastic SOIC (150 mil Body), 8-lead
ST
= Plastic TSSOP (4.4 mm), 8-lead
Examples:
a)
MCP3002-I/P:
Industrial Temperature,
8LD PDIP package.
b)
MCP3002-I/SN:
Industrial Temperature,
8LD SOIC package.
c)
MCP3002-I/ST:
Industrial Temperature,
8LD TSSOP package.
d)
MCP3002-I/MS:
Industrial
Temperature,
8LD MSOP package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com