Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3002-I/ST Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP3002-I/ST
Description  2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3002-I/ST Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP3002-I/ST Datasheet HTML 11Page - Microchip Technology MCP3002-I/ST Datasheet HTML 12Page - Microchip Technology MCP3002-I/ST Datasheet HTML 13Page - Microchip Technology MCP3002-I/ST Datasheet HTML 14Page - Microchip Technology MCP3002-I/ST Datasheet HTML 15Page - Microchip Technology MCP3002-I/ST Datasheet HTML 16Page - Microchip Technology MCP3002-I/ST Datasheet HTML 17Page - Microchip Technology MCP3002-I/ST Datasheet HTML 18Page - Microchip Technology MCP3002-I/ST Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
 2000-2011 Microchip Technology Inc.
DS21294E-page 15
MCP3002
5.0
SERIAL COMMUNICATIONS
5.1
Overview
Communication with the MCP3002 is done using a
standard SPI-compatible serial interface. Initiating
communication with the device is done by bringing the
CS line low. See Figure 5-1. If the device was powered
up with the CS pin low, it must be brought high and
back low to initiate communication. The first clock
received with CS low and DIN high will constitute a start
bit. The SGL/DIFF bit and the ODD/SIGN bit follow the
start bit and are used to select the input channel config-
uration. The SGL/DIFF is used to select Single-Ended
or Pseudo-Differential mode. The ODD/SIGN bit
selects which channel is used in Single-Ended mode,
and is used to determine polarity in Pseudo-Differential
mode. Following the ODD/SIGN bit, the MSBF bit is
transmitted to and is used to enable the LSB first format
for the device. If the MSBF bit is high, then the data will
come from the device in MSB first format and any fur-
ther clocks with CS low, will cause the device to output
zeros. If the MSBF bit is low, then the device will output
the converted word LSB first after the word has been
transmitted in the MSB first format. Table 5-1 shows the
configuration bits for the MCP3002. The device will
begin to sample the analog input on the second rising
edge of the clock, after the start bit has been received.
The sample period will end on the falling edge of the
third clock following the start bit.
On the falling edge of the clock for the MSBF bit, the
device will output a low null bit. The next sequential 10
clocks will output the result of the conversion with MSB
first as shown in Figure 5-1. Data is always output from
the device on the falling edge of the clock. If all 10 data
bits have been transmitted and the device continues to
receive clocks while the CS is held low (and the MSBF
bit is high), the device will output the conversion result
LSB first as shown in Figure 5-2. If more clocks are pro-
vided to the device while CS is still low (after the LSB
first data has been transmitted), the device will clock
out zeros indefinitely.
If necessary, it is possible to bring CS low and clock in
leading zeros on the DIN line before the start bit. This is
often done when dealing with microcontroller-based
SPI ports that must send 8 bits at a time. Refer to
Section 6.1 “Using the MCP3002 with Microcon-
troller (MCU) SPI Ports” for more details on using the
MCP3002 devices with hardware SPI ports.
If it is desired, the CS can be raised to end the conver-
sion period at any time during the transmission. Faster
conversion rates can be obtained by using this tech-
nique if not all the bits are captured before starting a
new cycle. Some system designers use this method by
capturing only the highest-order 8 bits and ‘throwing
away’ the lower 2 bits.
TABLE 5-1:
CONFIGURING BITS FOR
THE MCP3002
CONFIG BITS
CHANNEL
SELECTION
GND
SGL/
DIFF
ODD/
SIGN
01
Single-Ended
Mode
10
+
—
11
+
—
Pseudo-
Differential
Mode
00
IN+
IN-
—
01
IN-
IN+
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com