Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY87702L Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # SY87702L
Description  3.3V 28Mbps-2.5Gbps AnyRate CLOCK AND DATA RECOVERY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87702L Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button SY87702L_06 Datasheet HTML 6Page - Micrel Semiconductor SY87702L_06 Datasheet HTML 7Page - Micrel Semiconductor SY87702L_06 Datasheet HTML 8Page - Micrel Semiconductor SY87702L_06 Datasheet HTML 9Page - Micrel Semiconductor SY87702L_06 Datasheet HTML 10Page - Micrel Semiconductor SY87702L_06 Datasheet HTML 11Page - Micrel Semiconductor SY87702L_06 Datasheet HTML 12Page - Micrel Semiconductor SY87702L_06 Datasheet HTML 13Page - Micrel Semiconductor SY87702L_06 Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
SY87702L
11
Micrel, Inc.
M9999-072706
hbwhelp@micrel.com or (408) 955-1690
EVALUATION BOARD SCHEMATIC
SY87702L
2
3
4
5
6
7
8
9
10
11
12
13
48
47
46
45
44
43
42
41
40
39
38
37
36
14
15
16
35
34
33
TCLKC–
TCLKC+
TCLKE–
TCLKE+
VCCO
RCLKC–
RCLKC+
RCLKE–
RCLKE+
VCCO
RDOUTC–
RDOUTC+
RDOUTE–
RDOUTE+
ENPECL
GND
VCOSEL1
PLLRN+
PLLRN–
NC
PLLRW+
PLLRW–
NC
VCCA
GNDA
PLLSW–
PLLSW+
NC
PLLSN–
PLLSN+
NC
NC
1
1
2
3
4
5
67
8
9
10
11
12
VEE
VCCO: PIN 37
VCCO: PIN 42
RDOUTE+
RDOUTE–
RDOUTC+
RDOUTC–
RCLKE+
RCLKE–
RCLKC+
RCLKC–
TCLKE+
TCLKE–
TCLKC+
TCLKC–
VEE: PIN 48
VCC
VEE
VCC
L4
C11
C12
VEE
VCCA
L3
C10
C9
SW DIP-6
S3
1
3
5
7
9
11
12
10
8
6
4
2
HEADER
6X2
JP1
VCC
1
2
3
4
56
7
8
9
10
VEE
SW DIP-5
S1
VCC
C41
C5
R7
C6
C42
R8
C7
C43
R9
C8
C44
R10
VCC
L2
C3
C4
1
3
56
4
2
HEADER
3X2
JP4
LED
VCC
D3
R17,
1.7kΩ
VCCO
L1
C2
C1
1
2
3
4
56
7
8
9
10
VCC
SW DIP-5
S2
VCC
R47,
130Ω
VEE
VCC
R48,
20Ω
VEE
L7
C18
C17
R16,
5kΩ
JP2
D1
D2
VEE
JP3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com