Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY87702L Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # SY87702L
Description  3.3V 28Mbps-2.5Gbps AnyRate CLOCK AND DATA RECOVERY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87702L Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button SY87702L_06 Datasheet HTML 6Page - Micrel Semiconductor SY87702L_06 Datasheet HTML 7Page - Micrel Semiconductor SY87702L_06 Datasheet HTML 8Page - Micrel Semiconductor SY87702L_06 Datasheet HTML 9Page - Micrel Semiconductor SY87702L_06 Datasheet HTML 10Page - Micrel Semiconductor SY87702L_06 Datasheet HTML 11Page - Micrel Semiconductor SY87702L_06 Datasheet HTML 12Page - Micrel Semiconductor SY87702L_06 Datasheet HTML 13Page - Micrel Semiconductor SY87702L_06 Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
SY87702L
12
Micrel, Inc.
M9999-072706
hbwhelp@micrel.com or (408) 955-1690
EVALUATION BOARD I/O TERMINATION SCHEMES
TCLKC–
VCC
R26,
100Ω
C19
1
2
J14
RCLKC–
VCC
R25,
100Ω
C23
1
2
J10
RDOUTC–
VCC
R29,
100Ω
C27
1
2
J6
VCC
R37,
125Ω
C31
1
2
J1
R36,
83Ω
RDIN+:FORCE
VEE
TCLKC+
VCC
R27,
100Ω
C20
1
2
J13
RCLKC+
VCC
R24,
100Ω
C24
1
2
J9
RDOUTC+
VCC
R28,
100Ω
C28
1
2
J5
RDIN+: SENSE
C32
1
2
J2
TCLKE–
R30,
330Ω
C21
1
2
J12
VEE
RCLKE–
R32,
330Ω
C25
1
2
J8
VEE
RDOUTE+
R34,
330Ω
C29
1
2
J4
VEE
VCC
R39,
125Ω
C33
1
2
J17
R38,
83Ω
RDIN–:FORCE
VEE
TCLKE+
R31,
330Ω
C22
1
2
J11
VEE
RCLKE+
R33,
330Ω
C26
1
2
J7
VEE
RDOUTE+
R35,
330Ω
C30
1
2
J3
VEE
RDIN–: SENSE
C34
1
2
J18
TCLK
RCLK
RDOUT
RDIN
OUTPUTS
OUTPUTS
INPUTS
INPUTS
NOTES:
1. For AC coupling, include capacitors C19 thru C31, C33, C35 and C37.
2. If DC coupling, remove resistors R36 thru R43.
3. For 50Ω CML systems, include resistors R24–R29.
4. For 100Ω CML systems, see Figure 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com