Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM26C32CD Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # AM26C32CD
Description  AM26C32 Quadruple Differential Line Receiver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26C32CD Datasheet(HTML) 5 Page - Texas Instruments

  AM26C32CD Datasheet HTML 1Page - Texas Instruments AM26C32CD Datasheet HTML 2Page - Texas Instruments AM26C32CD Datasheet HTML 3Page - Texas Instruments AM26C32CD Datasheet HTML 4Page - Texas Instruments AM26C32CD Datasheet HTML 5Page - Texas Instruments AM26C32CD Datasheet HTML 6Page - Texas Instruments AM26C32CD Datasheet HTML 7Page - Texas Instruments AM26C32CD Datasheet HTML 8Page - Texas Instruments AM26C32CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
5.4 Thermal Information
THERMAL METRIC(1)
D (SOIC)
DB
(SSOP)
N (PDIP)
NS (SO)
PW (TSSOP)
UNIT
16 PINS
16 PINS
16 PINS
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
84.6
102.6
60.6
88.5
107.5
°C/W
RθJC(top) Junction-to-case(top) thermal resistance
43.5
48.7
48.1
46.2
38.4
°C/W
RθJB
Junction-to-board thermal resistance
43.2
54.3
40.6
50.7
53.7
°C/W
ΨJT
Junction-to-top characterization parameter
10.4
11.8
27.5
13.5
3.2
°C/W
ΨJB
Junction-to-bottom characterization parameter
42.8
53.5
40.3
50.3
53.1
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
5.5 Thermal Information
THERMAL METRIC(1)
J (CDIP)
FK (LCCC)
W (CFP)
UNIT
16 PINS
20 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
65.6
61.6
99.5
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
54.6
36.8
51.5
°C/W
RθJB
Junction-to-board thermal resistance
42.1
36.1
86.5
°C/W
ΨJT
Junction-to-top characterization parameter
22.9
31
23.7
°C/W
ΨJB
Junction-to-bottom characterization parameter
41.6
36
80.2
°C/W
Rθ
JC(bottom)
Junction-to-case(bottom) thermal resistance
N/A
4.2
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
5.6 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VIT+
Differential input high-threshold
voltage
VO = VOH(min), IOH = –440
µA
VIC = –7 V to 7 V
0.2
V
VIC = 0 V to 5.5 V
0.1
VIT–
Differential input low-threshold
voltage
VO = 0.45 V, IOL = 8 mA
VIC = –7 V to 7 V
–0.2(2)
V
VIC = 0 V to 5.5 V
–0.1(2)
Vhys
Hysteresis voltage (VIT+ – VIT−)
60
mV
VIK
Enable input clamp voltage
VCC = 4.5 V, II = –18 mA
–1.5
V
VOH
High-level output voltage
VID = 200 mV, IOH = –6 mA
3.8
V
VOL
Low-level output voltage
VID = –200 mV, IOL = 6 mA
0.2
0.3
V
IOZ
OFF-state (high-impedance state)
output current
VO = VCC or GND
±0.5
±5
µA
II
Line input current
VI = 10 V, Other input at 0 V
1.5
mA
VI = –10 V, Other input at 0 V
–2.5
mA
IIH
High-level enable current
VI = 2.7 V
20
μA
IIL
Low-level enable current
VI = 0.4 V
–100
μA
ri
Input resistance
One input to ground
12
17
kΩ
ICC
Quiescent supply current
VCC = 5.5 V
10
15
mA
(1)
All typical values are at VCC = 5 V, VIC = 0, and TA = 25°C.
www.ti.com
AM26C32, AM26C32C, AM26C32M, AM26C32I
SLLS104M – DECEMBER 1990 – REVISED OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: AM26C32 AM26C32C AM26C32M AM26C32I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com