Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM26C32CD Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # AM26C32CD
Description  AM26C32 Quadruple Differential Line Receiver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26C32CD Datasheet(HTML) 6 Page - Texas Instruments

Back Button AM26C32CD Datasheet HTML 2Page - Texas Instruments AM26C32CD Datasheet HTML 3Page - Texas Instruments AM26C32CD Datasheet HTML 4Page - Texas Instruments AM26C32CD Datasheet HTML 5Page - Texas Instruments AM26C32CD Datasheet HTML 6Page - Texas Instruments AM26C32CD Datasheet HTML 7Page - Texas Instruments AM26C32CD Datasheet HTML 8Page - Texas Instruments AM26C32CD Datasheet HTML 9Page - Texas Instruments AM26C32CD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
(2)
The algebraic convention, in which the less positive (more negative) limit is designated minimum, is used in this data sheet for
common-mode input voltage.
5.7 Switching Characteristics
over operating free-air temperature range, CL = 50 pF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
AM26C32C
AM26C32I
AM26C32Q
AM26C32M
UNIT
MIN
TYP(1)
MAX
MIN
TYP(1)
MAX
tPLH
Propagation delay time,
low- to high-level output
See Figure 6-1
9
17
27
9
17
27
ns
tPHL
Propagation delay time,
high- to low-level output
9
17
27
9
17
27
ns
tTLH
Output transition time,
low- to high-level output
See Figure 6-1
4
9
4
10
ns
tTHL
Output transition time,
high- to low-level output
4
9
4
9
ns
tPZH
Output enable time to
high-level
See Figure 6-2
13
22
13
22
ns
tPZL
Output enable time to
low-level
13
22
13
22
ns
tPHZ
Output disable time
from high-level
See Figure 6-2
13
22
13
26
ns
tPLZ
Output disable time
from low-level
13
22
13
25
ns
(1)
All typical values are at VCC = 5 V, TA = 25°C.
5.8 Typical Characteristics
±1
0
1
2
3
4
5
6
0
10
20
30
40
50
Logic Input Current - mA
HIGH
LOW
C001
Figure 5-1. Output Voltage vs Input Current
AM26C32, AM26C32C, AM26C32M, AM26C32I
SLLS104M – DECEMBER 1990 – REVISED OCTOBER 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM26C32 AM26C32C AM26C32M AM26C32I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com