Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 57 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 53Page - Texas Instruments LP8733 Datasheet HTML 54Page - Texas Instruments LP8733 Datasheet HTML 55Page - Texas Instruments LP8733 Datasheet HTML 56Page - Texas Instruments LP8733 Datasheet HTML 57Page - Texas Instruments LP8733 Datasheet HTML 58Page - Texas Instruments LP8733 Datasheet HTML 59Page - Texas Instruments LP8733 Datasheet HTML 60Page - Texas Instruments LP8733 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 86 page
background image
Table 7-69. BUCK_STAT Register Field Descriptions (continued)
Bits
Field
Type
Default
Description
0
BUCK0_ILIM
_STAT
R
0
Status bit indicating the Buck0 current limit status (raw status):
0 - Buck0 output current is below the current limit level.
1 - Buck0 output current limit is active.
7.6.1.32 LDO_STAT
LDO_STAT is shown in Table 7-71, Address: 0x1F
Table 7-70. LDO_STAT Register
D7
D6
D5
D4
D3
D2
D1
D0
LDO1_STAT
LDO1_PG
_STAT
Reserved - do
not use
LDO1_ILIM
_STAT
LDO0_STAT
LDO0_PG
_STAT
Reserved - do
not use
LDO0_ILIM
_STAT
Table 7-71. LDO_STAT Register Field Descriptions
Bits
Field
Type
Default
Description
7
LDO1_STAT
R
0
Status bit indicating the enable and disable status of the LDO1:
0 - LDO1 regulator is disabled.
1 - LDO1 regulator is enabled.
6
LDO1_PG_STAT
R
0
Status bit indicating the LDO1 output voltage validity (raw status):
0 - LDO1 output voltage is valid.
1 - LDO1 output voltage is invalid.
5
Reserved - do not
use
R
0
4
LDO1_ILIM
_STAT
R
0
Status bit indicating the LDO1 current limit status (raw status):
0 - LDO1 output current is below the current limit level.
1 - LDO1 output current limit is active.
3
LDO0_STAT
R
0
Status bit indicating the enable and disable status of the LDO0:
0 - LDO0 regulator is disabled.
1 - LDO0 regulator is enabled.
2
LDO0_PG_STAT
R
0
Status bit indicating the LDO0 output voltage validity (raw status):
0 - LDO0 output voltage is valid.
1 - LDO0 output voltage is invalid.
1
Reserved - do not
use
R
0
0
LDO0_ILIM
_STAT
R
0
Status bit indicating the LDO0 current limit status (raw status):
0 - LDO0 output current is below the current limit level.
1 - LDO0 output current limit is active.
7.6.1.33 TOP_MASK_1
TOP_MASK_1 is shown in Table 7-73, Address: 0x20
Table 7-72. TOP_MASK_1 Register
D7
D6
D5
D4
D3
D2
D1
D0
PGOOD_INT_
MASK
Reserved - do not use
SYNC_CLK
_MASK
Reserved - do
not use
TDIE_WARN
_MASK
Reserved - do
not use
I_LOAD_
READY_MASK
Table 7-73. TOP_MASK_1 Register Field Descriptions
Bits
Field
Type
Default
Description
7
PGOOD_INT
_MASK
R/W
X
Masking for Power-Good interrupt (PGOOD_INT in INT_TOP_1 register):
0 - Interrupt is generated.
1 - Interrupt is not generated.
This bit does not affect the PGOOD_STAT status bit in the TOP_STAT register.
6:5
Reserved - do not
use
R/W
00
www.ti.com
LP8733
SNVSBK2A – SEPTEMBER 2019 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
57
Product Folder Links: LP8733



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com