Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS321 Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

Part # AS321
Description  LOW POWER SINGLE OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS321 Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button AS321 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS321 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS321 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS321 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS321 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS321 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS321 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AS321 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AS321 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
LOW POWER SINGLE OPERATIONAL AMPLIFIER
AS321
Data Sheet
9
Jul. 2006 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
Figure 20. Pulse Generator
Figure 18. AC Coupled Non-Inverting Amplifier
Figure 21. DC Coupled Low-Pass Active Filter
Figure 19. Fixed Current Sources
Typical Application (Continued)
V
CC
R4
3K
R3
2K
+
-
2V
+
-
2V
I1
I2
1mA
AS321
R1
2K
R2
-
+
R5 100K
R3 100K
R4
100
K
R2 100K
R1
1M
V
O
V
CC
AS321
0.001
µF
-
+
R2 16K
R1 16K
V
IN
R3
100k
AS321
R4
100k
C2
0.01
µF
C1 0.01
µF
f
0
V
0
0
fo=1KHz
Q=1
A
V=2
+
-
V
O
R4 100k
V
CC
R3
1M
R1 100k
R2 1M
C1
0.1
µF
C
IN
R5
100k
C
O
V
O
AS321
R
L
10k
C2
10
µF
A
V=1+R2/R1
A
V=11 (As shown)
-
+
AC
R
B
6.2k



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com