Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS321 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AS321
Description  LOW POWER SINGLE OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS321 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AS321 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AS321 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS321 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS321 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS321 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS321 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS321 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS321 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS321 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LOW POWER SINGLE OPERATIONAL AMPLIFIER
AS321
Data Sheet
1
Jul. 2006 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
General Description
The AS321 is a high gain and internally frequency
compensated
operational
amplifier
specifically
designed to operate from a single power supply. Opera-
tion from split power supply is also possible and the
low power supply current drain is independent of the
magnitude of the power supply voltages. Typical
applications include battery charger, active filters,
general purpose controllers and most conventional
operational amplifier circuits.
The AS321 is compatible with industry standard 321.
The AS321 is available in SOT-23-5L packages.
Features
·
Excellent Phase Margin: 60 deg.
·
Large Voltage Gain: 100dB (Typical)
·
Low Input Bias Current: 20nA (Typical)
·
Low Input Offset Voltage: 2mV (Typical)
·
Low Supply Current: 0.35mA at VCC=5V
·
Wide Power Supply Voltage:
Single Supply: 3V to 36V
Dual Supplies: ±1.5V to ±18V
·
Wide Input Common Mode Voltage Range: 0V to
VCC-1.5V
Applications
·
Battery Charger
·
Active Filters
·
General Purpose Controllers, Instruments
Figure 1. Package Type of AS321
SOT-23-5L


Similar Part No. - AS321

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS321 BCDSEMI-AS321 Datasheet
688Kb / 11P
LOW POWER SINGLE OPERATIONAL AMPLIFIER Battery Charger
logo
Diodes Incorporated
AS321 DIODES-AS321 Datasheet
407Kb / 10P
LOW POWER SINGLE OPERATIONAL AMPLIFIER
March 2018 Rev. 3 - 2
logo
AMETHERM Circuit Protec...
AS3210015 AMETHERM-AS3210015 Datasheet
31Kb / 1P
Resistance @ 25째c
AS3210015 AMETHERM-AS3210015 Datasheet
244Kb / 3P
I N R U S H C U R R E N T L I M I T E R S
logo
TECH PUBLIC Electronics...
AS321KTR TECHPUBLIC-AS321KTR Datasheet
1Mb / 6P
LOW POWER SINGLE OPERATIONAL AMPLIFIER
2021.6.15
More results

Similar Description - AS321

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2130 NJRC-NJM2130 Datasheet
143Kb / 3P
LOW POWER SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL343 TI-TL343 Datasheet
114Kb / 7P
SINGLE LOW-POWER OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS321 STMICROELECTRONICS-TS321_05 Datasheet
184Kb / 12P
Low Power Single Operational Amplifier
Dec-2005
logo
Texas Instruments
TS321 TI-TS321 Datasheet
259Kb / 8P
LOW-POWER SINGLE OPERATIONAL AMPLIFIER
TL343 TI-TL343_06 Datasheet
124Kb / 8P
SINGLE LOW-POWER OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS321 TSC-TS321 Datasheet
291Kb / 6P
Low Power Single Operational Amplifier
logo
Texas Instruments
TS321 TI-TS321_10 Datasheet
368Kb / 11P
LOW-POWER SINGLE OPERATIONAL AMPLIFIER
TL343IDBVRG4 TI1-TL343IDBVRG4 Datasheet
663Kb / 11P
SINGLE LOW-POWER OPERATIONAL AMPLIFIER
TS321 TI1-TS321 Datasheet
1Mb / 21P
Low-Power Single Operational Amplifier
logo
TECH PUBLIC Electronics...
LM321SN3T1G TECHPUBLIC-LM321SN3T1G Datasheet
1Mb / 6P
LOW POWER SINGLE OPERATIONAL AMPLIFIER
2021.6.15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com