Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXA1012WC Datasheet(PDF) 2 Page - NXP Semiconductors

Part # FXA1012WC
Description  Frame Transfer CCD Image Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FXA1012WC Datasheet(HTML) 2 Page - NXP Semiconductors

  FXA1012WC Datasheet HTML 1Page - NXP Semiconductors FXA1012WC Datasheet HTML 2Page - NXP Semiconductors FXA1012WC Datasheet HTML 3Page - NXP Semiconductors FXA1012WC Datasheet HTML 4Page - NXP Semiconductors FXA1012WC Datasheet HTML 5Page - NXP Semiconductors FXA1012WC Datasheet HTML 6Page - NXP Semiconductors FXA1012WC Datasheet HTML 7Page - NXP Semiconductors FXA1012WC Datasheet HTML 8Page - NXP Semiconductors FXA1012WC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
•
2M active pixels (1616H x 1296V)
•
2/3-inch type optical format
•
Still and monitor modes
•
RGB Bayer pattern colour filters
•
Progressive scan
•
Excellent anti-blooming (Vertical Overflow
Drain)
•
High dynamic range (>70dB)
•
High sensitivity
•
Low dark current and low fixed pattern noise
•
Low read-out noise
•
Variable electronic shuttering
•
Data rate up to 25 MHz, 5 frames/s
•
Small outline LCC package
•
Low cost
Description
The FXA 1012 is a colour frame-transfer CCD image sensor designed
for consumer digital photography applications. The combination of
high speed and a high linear dynamic range of over 10 true bits
makes this device the perfect solution for use in compact high quality
imaging applications. Two modes of operation provide both a
monitoring image for LCD screens, and a full resolution, zero-smear
still image with excellent colour rendition. The device structure is
shown in figure 1.
Device structure
Optical size:
8.16 mm (H) x 6.53 mm (V)
Chip size:
9.49 mm (H) x 9.32 mm (V)
Pixel size:
5.1 µm x 5.1 µm
Active pixels:
1616 (H) x 1296 (V)
Total no. of pixels:
1688 (H) x 1324 (V)
Optical black pixels:
Left: 2
Right: 70
Optical black lines:
Top: 12
Bottom: 12
Total no. of storage lines:
298
Dummy register cells:
8
Figure 1 - Device structure
2000 January
2
Philips Semiconductors
Objective specification
Frame Transfer CCD Image Sensor
FXA 1012
Image
Section
1616 active pixels
1296
active
lines
70
8 black lines
8
1688 cells
Output
amplifier
Output register
Storage Section
2
12 dark lines
12 dark + 4 dummy lines
GB G B
GB G B
RG R G
GB G B
GB G B
RG R G
GB G B
RG R G
GB G B
RG R G
298 lines x 1688 cells



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com