Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXA1012WC Datasheet(PDF) 3 Page - NXP Semiconductors

Part # FXA1012WC
Description  Frame Transfer CCD Image Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FXA1012WC Datasheet(HTML) 3 Page - NXP Semiconductors

  FXA1012WC Datasheet HTML 1Page - NXP Semiconductors FXA1012WC Datasheet HTML 2Page - NXP Semiconductors FXA1012WC Datasheet HTML 3Page - NXP Semiconductors FXA1012WC Datasheet HTML 4Page - NXP Semiconductors FXA1012WC Datasheet HTML 5Page - NXP Semiconductors FXA1012WC Datasheet HTML 6Page - NXP Semiconductors FXA1012WC Datasheet HTML 7Page - NXP Semiconductors FXA1012WC Datasheet HTML 8Page - NXP Semiconductors FXA1012WC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
2000 January
3
Philips Semiconductors
Objective specification
Frame Transfer CCD Image Sensor
FXA 1012
Architecture of the FXA 1012
The FXA 1012 consists of an open image section and a storage
section with an optical light shield. An output register and amplifier
are located below the storage section for read-out.
The optical centres of all pixels in the image section form a square
grid. The image area has RGB Bayer colour filter pattern.The charge
is generated and integrated in the image section. This section is
controlled by four image clock phases (A1 to A4). After the integration
time the image charge is shifted one line at a time to the storage
section.
The storage section is controlled by four storage clock phases (B1
to B4). In the still mode the image information is transported straight
through the storage section to the horizontal output register. In the
monitoring mode subsampling of the image is performed at the
image-to-storage transition and the subsampled image is stored in
the storage section. The stored image is shifted one line at a time
into the horizontal output register.
In the next active line time the pixels are transported towards the
output amplifier. Four clock phases (C1 to C4) control the pixel
transport in the output register. In the output amplifier the charge
packets are dumped one by one on a floating diffusion area. The
voltage of this area is sensed and buffered by a three-stage FET
source-follower. Figure 2 shows the detailed internal structure.
STORAGE SECTION
Cell width x height
Storage clock pins
Capacity of each clock phase
Number of cells per line x number of lines
5.1 x 5.1 µm
2
B1, B2, B3, B4
1.5 nF per pin
1688 x 298
IMAGE SECTION
Image diagonal (active video only)
Aspect ratio
Active image width x height
Pixel width x height
Image clock pins
Capacity of each clock phase
Number of active lines
Number of black reference lines
Number of dummy lines
Total number of lines
Number of active pixels per line
Number of black reference pixels per line
Total number of pixels per line
10.4 mm
5:4
8.24 x 6.61 mm
2
5.1 x 5.1 µm
2
A1, A2, A3, A4
5.4 nF per pin
1296
24 (12+12)
4
1324
1616
72 (2+70)
1688
OUTPUT REGISTER
Number of dummy cells
Total number of register cells
Output register clock pins
Capacity of each clock phase
Reset Gate (RG) capacity
Output stage
8
1696
C1, C2, C3, C4
60 pF per pin
15 pF
3-stage source follower (open source)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com