Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTL2004 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # GTL2004
Description  Quad GTL/GTL to LVTTL/TTL bidirectional latched translator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2004 Datasheet(HTML) 5 Page - NXP Semiconductors

  GTL2004 Datasheet HTML 1Page - NXP Semiconductors GTL2004 Datasheet HTML 2Page - NXP Semiconductors GTL2004 Datasheet HTML 3Page - NXP Semiconductors GTL2004 Datasheet HTML 4Page - NXP Semiconductors GTL2004 Datasheet HTML 5Page - NXP Semiconductors GTL2004 Datasheet HTML 6Page - NXP Semiconductors GTL2004 Datasheet HTML 7Page - NXP Semiconductors GTL2004 Datasheet HTML 8Page - NXP Semiconductors GTL2004 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
GTL2004
Quad GTL/GTL+ to LVTTL/TTL
bidirectional latched translator
1999 Jul 19
5
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions. Voltages are referenced to GND (ground = 0V).
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
–40
°C to +85°C
UNIT
MIN
TYP1
MAX
VO
B port
VCC = 3.0 to 3.6V; IOH = –100µA
VCC–0.2
V
VOH
B port
VCC = 3.0V; IOH = –12mA
2.0
V
VO
A port
VCC = 3.0V; IOL = 40mA
0.4
V
VOL
B port
VCC = 3.0V; IOL = 12mA
0.8
V
Control inputs
VCC = 3.6V; VI = VCC or GND
± 1
A port
VCC = 3.6V; VI = VTT or GND
± 1
II
VCC = 0 or 3.6V; VI = 5.5
10
µA
B port
VCC = 3.6V; VI = VCC
± 1
VCC = 3.6V; VI = 0V
–5
IOFF
A port
VCC = 0V;VI or VO = 0 to 4.5V
± 100
µA
IEX
B port
VO = 5.5V; VCC = 3.0V
50
125
µA
ICC
A or B port
VCC = 3.6V;VI = VCC or GND; IO = 0
3
mA
∆ICC3
B port or control inputs
VCC = 3.6V; VI = VCC –0.6V
500
µA
CI
Control inputs
VI = 3.0V or 0
3
pF
C O
B port
VO = 3.0V or 0
7.2
pF
CIO
A port
VO = VTT or 0
4.6
pF
NOTES:
1. All typical values are measured at VCC = 3.3V and Tamb = 25°C.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
3. This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.
AC CHARACTERISTICS (3.3V
"0.3V RANGE)
LIMITS (GTL)
LIMITS (GTL+)
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V "0.3V
VREF = 0.8V
VCC = 3.3V "0.3V
VREF = 1.0V
UNIT
MIN
TYP1
MAX
MIN
TYP1
MAX
tPLH
tPHL
Bn to An
2
2.0
1.8
2.8
2.5
2.0
1.8
2.8
2.5
ns
tPLH
tPHL
An to Bn
3
4.4
4.7
6.5
5.8
4.4
4.5
5.7
5.1
ns
tPLH
tPHL
LEn to Bn
1
3.5
3.4
4.9
4.2
3.5
3.4
4.9
4.2
ns
NOTE:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
AC SETUP REQUIREMENT (3.3V
"0.3V RANGE)
Over recommended ranges of supply voltage.1
LIMITS (GTL)
LIMITS (GTL+)
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V "0.3V
VREF = 0.8V
VCC = 3.3V "0.3V
VREF = 1.0V
UNIT
MIN
MAX
MIN
MAX
tS(H)
tS(L)
Setup time (An to LEn)
4
1.3
1.5
1.2
1.5
ns
th(H)
th(L)
Hold time (An to LEn)
4
0.0
0.0
0.0
0.0
ns
tw(H)
LEn pulse width
2
1.1
1.1
ns
NOTE:
1. These parameters are warranted but not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com