Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL1221 Datasheet(PDF) 3 Page - CHIPLINK SEMICONDUCTOR

Part # CL1221
Description  Primary side control high precision constant current controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPLINK [CHIPLINK SEMICONDUCTOR]
Direct Link  http://www.chiplink-semi.com
Logo CHIPLINK - CHIPLINK SEMICONDUCTOR

CL1221 Datasheet(HTML) 3 Page - CHIPLINK SEMICONDUCTOR

  CL1221 Datasheet HTML 1Page - CHIPLINK SEMICONDUCTOR CL1221 Datasheet HTML 2Page - CHIPLINK SEMICONDUCTOR CL1221 Datasheet HTML 3Page - CHIPLINK SEMICONDUCTOR CL1221 Datasheet HTML 4Page - CHIPLINK SEMICONDUCTOR CL1221 Datasheet HTML 5Page - CHIPLINK SEMICONDUCTOR CL1221 Datasheet HTML 6Page - CHIPLINK SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
http://www.chiplink-semi.com
3
CL1221_CN
SEMICONDUCTOR
CL1221
2012-11-27
管脚描述
管脚号
管脚名
描述
1
CS
变压器原边电流采样端
2
GND
接地端
3
VCC
电源端
4
OUT
内部高压功率管源极
5、6
DRAIN
内部高压功率管漏极
7、8
NC
无连接,须悬空
电气特性(注2)
(如果没有特殊说明,环境温度= 25 ,
℃ 输入电压
=14V)
符号
参数
测试条件
最小值
典型值
.
最大值
单位
电源电压
(VCC电压)
Vcc_CLAMP
Vcc钳位电压
1mA
15
17
V
UVLO(ON)
进入欠压锁定电压
Vcc上升
13.8
V
UVLO(OFF)
退出欠压锁定电压
Vcc下降
9
V
IST
启动电流
Vcc=Vcc-TH-1V
50
90
uA
IOP
Vcc工作电流
FOP=70KHZ
150
250
uA
电流采样输入
TLEB
前沿消隐时间
500
ns
VCS_TH
过电流阈值
490
500
510
mV
Td_oc
过流动作延迟
200
ns
工作频率
Fmin
最小工作频率
5
KHZ
Fmax
最大工作频率
90
KHZ
最大占空比
Dmax
系统最大占空比
42
%
功率管
Rdson
功率管导通阻抗
Vds=14V/Ids=0.5A
14
ohm
BVdss
功率管击穿电压
Vds=0V/Ids=250uA
650
V
注
2:典型参数值为25℃下测试得到的参数标准。



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com