Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL1221 Datasheet(PDF) 1 Page - CHIPLINK SEMICONDUCTOR

Part # CL1221
Description  Primary side control high precision constant current controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPLINK [CHIPLINK SEMICONDUCTOR]
Direct Link  http://www.chiplink-semi.com
Logo CHIPLINK - CHIPLINK SEMICONDUCTOR

CL1221 Datasheet(HTML) 1 Page - CHIPLINK SEMICONDUCTOR

  CL1221 Datasheet HTML 1Page - CHIPLINK SEMICONDUCTOR CL1221 Datasheet HTML 2Page - CHIPLINK SEMICONDUCTOR CL1221 Datasheet HTML 3Page - CHIPLINK SEMICONDUCTOR CL1221 Datasheet HTML 4Page - CHIPLINK SEMICONDUCTOR CL1221 Datasheet HTML 5Page - CHIPLINK SEMICONDUCTOR CL1221 Datasheet HTML 6Page - CHIPLINK SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
http://www.chiplink-semi.com
1
CL1221_CN
SEMICONDUCTOR
CL1221
原边控制高精度恒流控制器
概述
CL1221是一款性能优异的原边反馈控制器,集成了多种保护功能。CL1221工作在电感电流断
续模式,适用于
85Vac~265Vac输入电压、功率5W以内的隔离LED恒流电源。芯片最大限度地减少
了系统元件数目并采用
SOP8封装,这些使得CL1221能够减小系统所占空间。CL1221具有高精度电
流采样电路,使得输出电流精度达到
±5%以内。同时,CL1221具有LED开路/短路保护,过流保护,
欠压保护等。
特性
◆
±5%LED输出电流精度。
◆ 原边反馈恒流控制。
◆ 无辅助检测
/供电绕组。
◆ 超低工作电流:
250μA(典型值)。
◆ 宽输入电压:
85Vac~265Vac。
◆ 内部集成
650V 功率管。
◆
LED短路/开路保护。
◆ 原边过流保护。
◆ 欠压保护(
UVLO)。
应用范围
◆
GU10 LED射灯
◆
LED球泡灯
◆ 其它
LED照明
封装形式:
CL1221采用SOP8封装。
典型应用
管脚分布图
SOP8
2012-11-27


Similar Part No. - CL1221

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
CL12207 CLIFF-CL12207 Datasheet
1Mb / 3P
GOLD JACK SOCKETS
CL12207 CLIFF-CL12207 Datasheet
1Mb / 4P
GOLD SWITCHED JACK SOCKETS
logo
CHIPLINK SEMICONDUCTOR
CL1226 CHIPLINK-CL1226 Datasheet
363Kb / 7P
Primary side control high precision constant current controller
2013-5-22
logo
Electronic Components L...
CL1227G CLIFF-CL1227G Datasheet
1Mb / 4P
GOLD SWITCHED JACK SOCKETS
CL1227G CLIFF-CL1227G Datasheet
493Kb / 2P
JACK SOCKETS
More results

Similar Description - CL1221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28720 TI-UCC28720 Datasheet
1Mb / 29P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28703DBVT TI-UCC28703DBVT Datasheet
1Mb / 31P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28710 TI1-UCC28710_14 Datasheet
1Mb / 32P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700 TI1-UCC28700_14 Datasheet
1Mb / 32P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700-Q1 TI-UCC28700-Q1_15 Datasheet
1Mb / 38P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
logo
Eutech Microelectronics...
EUP9287 EUTECH-EUP9287 Datasheet
97Kb / 1P
Constant-Voltage, Constant-Current Controller with Primary-Side Regulation
logo
List of Unclassifed Man...
CR633X ETC-CR633X Datasheet
284Kb / 10P
Primary side control high precision constant current/constant voltage PWM power switch
V3.0
logo
Shanghai Orient-Chip Te...
OCP8155 ORIENT-CHIP-OCP8155 Datasheet
265Kb / 8P
High Precision Primary-side Feedback Constant Current Converter
Ver 1.0 April. 01, 2013
logo
CHIPLINK SEMICONDUCTOR
CL1226 CHIPLINK-CL1226 Datasheet
363Kb / 7P
Primary side control high precision constant current controller
2013-5-22
logo
Suzhou Juyuan Microelec...
PL3536 PMICRO-PL3536 Datasheet
278Kb / 8P
High-precision constant voltage/constant current, primary side control
V1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com