Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1933C Datasheet(PDF) 27 Page - Power Integrations, Inc.

Part # SC1933C
Description  Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SC1933C Datasheet(HTML) 27 Page - Power Integrations, Inc.

Back Button SC1933C Datasheet HTML 20Page - Power Integrations, Inc. SC1933C Datasheet HTML 21Page - Power Integrations, Inc. SC1933C Datasheet HTML 22Page - Power Integrations, Inc. SC1933C Datasheet HTML 23Page - Power Integrations, Inc. SC1933C Datasheet HTML 24Page - Power Integrations, Inc. SC1933C Datasheet HTML 25Page - Power Integrations, Inc. SC1933C Datasheet HTML 26Page - Power Integrations, Inc. SC1933C Datasheet HTML 27Page - Power Integrations, Inc. SC1933C Datasheet HTML 28Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
Rev. C 11/18
27
SC1933C/SC1936C
www.power.com
MSL Table
Part Number
MSL Rating
SC1933C
3
SC1936C
3
ESD and Latch-Up Table
Test
Conditions
Results
Latch-up at 125 °C
JESD78D
> ±100 mA or > 1.5 × V
MAX on all pins
Human Body Model ESD
ANSI/ESDA/JEDEC JS-001-2014
> ±2000 V on all pins
Charge Device Model ESD
ANSI/ESDA/JEDEC
JS-002-2014
> ±500 V on all pins
Summary Table
Features
Specifications
217
215
218
114
605
606
Feedback Resistors
External
External
External
External
External
External
I
S Sense Resistor
External
External
External
External
External
External
Current Output Profile
Fixed CC
Fixed CC
Fixed CC
Fixed CC
Fixed CC
CV Only
Cable Compensation (CDC)
0 mV
0 mV
0 mV
0 mV
0 mV
0 mV
CDC Enable Above 5 V
Yes
Yes
Yes
Yes
No
No
I
LIM Selectable
Yes
Yes
Yes*
Yes
Yes
Yes
Primary Fault Response
Latch-Off
Auto-Restart
Auto-Restart
Auto-Restart
Auto-Restart
Auto-Restart
Secondary Fault Response
Latch-Off
Latch-Off
Latch-Off
Auto-Restart
Auto-Restart
Auto-Restart
Auto-Restart
63% (Typ)
3.45 V (Typ)
3.45 V (Typ)
63% (Typ)
90% (Typ)
Overload
Over-Temperature Protection Latch-Off
Latch-Off
Latch-Off
Hysteretic
Hysteretic
Hysteretic
Line OV/UV
Enabled
Enabled
Enabled
Enabled
OV Disabled
UV Enabled
Enabled
UV Timer (32 ms or 400 ms)
32 ms
32 ms
32 ms
32 ms
32 ms
32 ms
Integrated V
OUT OVP
Disabled
Disabled
Disabled
Enabled
Enabled
Enabled
*H218 has specific I
LIM = 2.30 A, ILIM+1 = 2.58 A.
Part Ordering Information
• Custom Product Family
• Series Number
• Package Identifier
C
InSOP-24D
• Features Code
• Tape & Reel and Other Options
TL
Tape & Reel, 2 k pcs per reel.
SC 1933 C - Hxxx - TL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com