Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1933C Datasheet(PDF) 22 Page - Power Integrations, Inc.

Part # SC1933C
Description  Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SC1933C Datasheet(HTML) 22 Page - Power Integrations, Inc.

Back Button SC1933C Datasheet HTML 18Page - Power Integrations, Inc. SC1933C Datasheet HTML 19Page - Power Integrations, Inc. SC1933C Datasheet HTML 20Page - Power Integrations, Inc. SC1933C Datasheet HTML 21Page - Power Integrations, Inc. SC1933C Datasheet HTML 22Page - Power Integrations, Inc. SC1933C Datasheet HTML 23Page - Power Integrations, Inc. SC1933C Datasheet HTML 24Page - Power Integrations, Inc. SC1933C Datasheet HTML 25Page - Power Integrations, Inc. SC1933C Datasheet HTML 26Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Rev. C 11/18
22
SC1933C/SC1936C
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V
T
J = -40 °C to 125 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
Secondary
Feedback Pin Voltage
V
FB
T
J = 25 °C
1.250
1.265
1.280
V
Cable Drop
Compensation
φ
CD
0
mV
Maximum Switching
Frequency
f
SREQ
T
J = 25 °C
118
132
145
kHz
Output Voltage Pin
Auto-Restart Threshold
V
OUT(AR)
3.45
V
Output Voltage Pin
Auto-Restart Timer
t
FB(AR)
t
VOUT(AR)
49.5
ms
BPS Pin Current at
No-Load
I
SNL
T
J = 25 °C
325
485
mA
BPS Pin Voltage
V
BPS
4.20
4.40
4.60
V
BPS Pin Undervoltage
Threshold
V
BPS(UVLO)(TH)
3.60
3.80
4.00
V
BPS Pin Undervoltage
Hysteresis
V
BPS(UVLO)(H)
T
J = 25 °C
0.65
V
Current Limit
Voltage Threshold
I
SV(TH)
Set By External Resistor
T
J = 10 °C to 125 °C
33.94
35.90
37.74
mV
FWD Pin Voltage
V
FWD
150
V
Minimum Off-Time
t
OFF(MIN)
2.48
3.38
4.37
ms
Soft-Start Frequency
Ramp Time
t
SS(RAMP)
T
J = 25 °C
7.50
11.75
16.00
ms
Constant Power
Voltage Threshold
V
KP
20
V
BPS Pin Latch Command
Shutdown Threshold
Current
I
BPS(SD)
5.2
8.9
12.0
mA
Feedback Pin
Short-Circuit
V
FB(OFF)
T
J = 25 °C
112
135
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com