Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX20921 Datasheet(PDF) 8 Page - Synaptics Incorporated.

Part # CX20921
Description  CX20921 Far Field Voice Input Processor SoC AudioSmart
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX20921 Datasheet(HTML) 8 Page - Synaptics Incorporated.

Back Button CX20921 Datasheet HTML 4Page - Synaptics Incorporated. CX20921 Datasheet HTML 5Page - Synaptics Incorporated. CX20921 Datasheet HTML 6Page - Synaptics Incorporated. CX20921 Datasheet HTML 7Page - Synaptics Incorporated. CX20921 Datasheet HTML 8Page - Synaptics Incorporated. CX20921 Datasheet HTML 9Page - Synaptics Incorporated. CX20921 Datasheet HTML 10Page - Synaptics Incorporated. CX20921 Datasheet HTML 11Page - Synaptics Incorporated. CX20921 Datasheet HTML 12Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
CX20921 AudioSmart Data Sheet
Features
Conexant Confidential
03/11/15
001DSR01
2
Features
Cores
C-programmable dual core 32-bit DSP (CAPE) with X and Y data, P memory spaces running at worst-
case 200MHz, and yields 800MIPS
Each core has dual Multiply-Accumulate (MAC) and dual memory
Fixed point DSP with floating point assist
Each MAC supports 32 x 24-bit and 64-bit accumulators
Supports zero-overhead loop, circular buffers, and bit-reverse indexing
32-bit Arithmetic Logic Unit (ALU) that supports efficient bit manipulation
Data memory access is 16-bit, 32-bit, and 64-bit
Virtually all programming is done in C, using a very efficient C-compiler from Target
Natively supported data types include: int, short, long, long long, Q15, Q23, Q8.23, and Q31
On-Chip Memory
Integrated memory 747KB SRAM and 66KB ROM:
ROM = 46KB (Data) and 20KB (Program)
RAM = 522KB (Data) and 225KB (Program)
Voice CODEC
Two high performance ADCs with programmable pre-amplifiers
Differential or single-ended microphone inputs
Microphone or line input support
ADC audio performance:
Dynamic range = 106dB at 0dB
THD+N = –84dB at –1dBFS
Supported audio sample rates:
8kHz
16kHz
24kHz
32kHz
44.1kHz
48kHz
96kHz
Two microphone bias—one for each of the two ADCs. Supported voltage = 1.5V to 4.0V.
Programmable pre-amplifier with integrated analog and digital gains:
Analog gain = 6dB to 24dB with 1dB steps
Digital gain = –74dB to 12dB with 0.125dB steps
Smart gain controller adjusts the gain in both analog and digital to allow high dynamic range at
different gains



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com