Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT3582 Datasheet(PDF) 1 Page - SHENZHEN CORETECH MICROELECTRONICS CO., LTD

Part # CT3582
Description  Supports ordinary three-light mode and two-light mode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CORETECH [SHENZHEN CORETECH MICROELECTRONICS CO., LTD]
Direct Link  www.coretechic.com
Logo CORETECH - SHENZHEN CORETECH MICROELECTRONICS CO., LTD

CT3582 Datasheet(HTML) 1 Page - SHENZHEN CORETECH MICROELECTRONICS CO., LTD

  CT3582 Datasheet HTML 1Page - SHENZHEN CORETECH MICROELECTRONICS CO., LTD CT3582 Datasheet HTML 2Page - SHENZHEN CORETECH MICROELECTRONICS CO., LTD CT3582 Datasheet HTML 3Page - SHENZHEN CORETECH MICROELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CT3582
1
特点:
支持普通三灯模式及二灯模式
自动识别电池极性
充电电流大
充电饱和电压
4.25V(典型值),可通过 L1 调整
空载时稳压输出
短路保护功能
极少的外围器件
2
脚位图及说明
序号
名称
描述
1
BTN
电池负极
2
L3
饱和指示灯
L3 引脚
3
L2
彩色指示灯
L2 引脚
4
L1
电源指示灯
L1 引脚
5
PVDD
功率电源正极(应用时此脚必须和
8 脚连接后作为芯片的供电输入端)
6
GND
电源负极(地端)
7
BTP
电池正极
8
SVDD
信号电源正极(应用时此脚必须和
5 脚连接后作为芯片的供电输入端)


Similar Part No. - CT3582

ManufacturerPart #DatasheetDescription
logo
SHENZHEN CORETECH MICRO...
CT3582C CORETECH-CT3582C Datasheet
180Kb / 2P
Constant current charging with automatic recognition of universal charger controller
2009-03-16
More results

Similar Description - CT3582

ManufacturerPart #DatasheetDescription
logo
Rohm
BD99010EFV-M ROHM-BD99010EFV-M Datasheet
1Mb / 31P
Simple Light Load Mode
logo
CML Microcircuits
CMX991 CMLMICRO-CMX991 Datasheet
2Mb / 56P
Two-mode demodulator
logo
Integrated Silicon Solu...
IS66WVC1M16ALL ISSI-IS66WVC1M16ALL Datasheet
1Mb / 67P
Mixed Mode supports asynchronous write and synchronous read operation
IS66WVC2M16ALL ISSI-IS66WVC2M16ALL Datasheet
1Mb / 67P
Mixed Mode supports asynchronous write and synchronous read operation
logo
STMicroelectronics
STEVAL-ISA063V2 STMICROELECTRONICS-STEVAL-ISA063V2 Datasheet
82Kb / 4P
Power save mode at light load
December 2011 Rev 1
logo
Rohm
BP5029 ROHM-BP5029 Datasheet
42Kb / 4P
Compact and light
logo
Mallory Sonalert Produc...
ZT028LAMP1R MSPI-ZT028LAMP1R Datasheet
132Kb / 1P
Mode of Operation Medium Pulse Sound and Light @ 5 PPS
ZT120LAFP1R MSPI-ZT120LAFP1R Datasheet
132Kb / 1P
Mode of Operation Fast Pulse Sound and Light @ 10 PPS
logo
Analog Devices
ADPD188GG AD-ADPD188GG Datasheet
1Mb / 61P
Integrated Optical Module with Ambient Light Rejection and Two LEDs
4/2020-Rev. A to Rev. B
logo
KISTLER INSTRUMENT CORP...
8762A KISTLER-8762A Datasheet
241Kb / 3P
Light Weight, Voltage Mode, Triaxial Accelerometer
2008
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com