Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM567 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM567
Description  Tone Decoder
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM567 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM567 Datasheet HTML 4Page - National Semiconductor (TI) LM567 Datasheet HTML 5Page - National Semiconductor (TI) LM567 Datasheet HTML 6Page - National Semiconductor (TI) LM567 Datasheet HTML 7Page - National Semiconductor (TI) LM567 Datasheet HTML 8Page - National Semiconductor (TI) LM567 Datasheet HTML 9Page - National Semiconductor (TI) LM567 Datasheet HTML 10Page - National Semiconductor (TI) LM567 Datasheet HTML 11Page - National Semiconductor (TI) LM567 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LM567C MDC MWC
TONE DECODER
00697523
Die Layout (C - Step)
DIE/WAFER CHARACTERISTICS
Fabrication Attributes
General Die Information
Physical Die Identification
LM567C
Bond Pad Opening Size (min)
91µm x 91µm
Die Step
C
Bond Pad Metalization
0.5% COPPER_BAL.
ALUMINUM
Physical Attributes
Passivation
VOM NITRIDE
Wafer Diameter
150mm
Back Side Metal
BARE BACK
Dise Size (Drawn)
1600µm x 1626µm
63.0mils x 64.0mils
Back Side Connection
Floating
Thickness
406µm Nominal
Min Pitch
198µm Nominal
Special Assembly Requirements:
Note: Actual die size is rounded to the nearest micron.
Die Bond Pad Coordinate Locations (C - Step)
(Referenced to die center, coordinates in µm) NC = No Connection, N.U. = Not Used
SIGNAL NAME
PAD# NUMBER
X/Y COORDINATES
PAD SIZE
XYX
Y
OUTPUT
FILTER
1
-673
686
91
x
91
LOOP FILTER
2
-673
-419
91
x
91
INPUT
3
-673
-686
91
x
91
V+
4
-356
-686
91
x
91
TIMING RES
5
673
-122
91
x
91
TIMING CAP
6
673
76
91
x
91
GND
7
178
686
117
x
91
OUTPUT
8
-318
679
117
x
104
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com