Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM567 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM567
Description  Tone Decoder
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM567 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM567 Datasheet HTML 1Page - National Semiconductor (TI) LM567 Datasheet HTML 2Page - National Semiconductor (TI) LM567 Datasheet HTML 3Page - National Semiconductor (TI) LM567 Datasheet HTML 4Page - National Semiconductor (TI) LM567 Datasheet HTML 5Page - National Semiconductor (TI) LM567 Datasheet HTML 6Page - National Semiconductor (TI) LM567 Datasheet HTML 7Page - National Semiconductor (TI) LM567 Datasheet HTML 8Page - National Semiconductor (TI) LM567 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LM567/LM567C
Tone Decoder
General Description
The LM567 and LM567C are general purpose tone decoders
designed to provide a saturated transistor switch to ground
when an input signal is present within the passband. The
circuit consists of an I and Q detector driven by a voltage
controlled oscillator which determines the center frequency
of the decoder. External components are used to indepen-
dently set center frequency, bandwidth and output delay.
Features
n
20 to 1 frequency range with an external resistor
n
Logic compatible output with 100 mA current sinking
capability
n
Bandwidth adjustable from 0 to 14%
n
High rejection of out of band signals and noise
n
Immunity to false signals
n
Highly stable center frequency
n
Center frequency adjustable from 0.01 Hz to 500 kHz
Applications
n
Touch tone decoding
n
Precision oscillator
n
Frequency monitoring and control
n
Wide band FSK demodulation
n
Ultrasonic controls
n
Carrier current remote controls
n
Communications paging decoders
Connection Diagrams
Metal Can Package
Dual-In-Line and Small Outline Packages
00697501
Top View
Order Number LM567H or LM567CH
See NS Package Number H08C
00697502
Top View
Order Number LM567CM
See NS Package Number M08A
Order Number LM567CN
See NS Package Number N08E
February 2003
© 2004 National Semiconductor Corporation
DS006975
www.national.com


Similar Part No. - LM567

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM567 NSC-LM567 Datasheet
296Kb / 8P
Tone Decoder
logo
SYC Electronica
LM567 SYC-LM567 Datasheet
375Kb / 12P
Tone Decoder
logo
Texas Instruments
LM567 TI2-LM567 Datasheet
2Mb / 29P
LM567x Tone Decoder
REVISED JANUARY 2022
logo
National Semiconductor ...
LM567C NSC-LM567C Datasheet
296Kb / 8P
Tone Decoder
logo
Texas Instruments
LM567C TI2-LM567C Datasheet
2Mb / 29P
LM567x Tone Decoder
REVISED JANUARY 2022
More results

Similar Description - LM567

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM567 NSC-LM567 Datasheet
296Kb / 8P
Tone Decoder
LMC567 NSC-LMC567 Datasheet
168Kb / 7P
Low Power Tone Decoder
logo
Rohm
BA1604 ROHM-BA1604 Datasheet
94Kb / 5P
PLL tone decoder IC
logo
Daewoo Semiconductor
DBL567 DAEWOO-DBL567 Datasheet
192Kb / 4P
TONE DECODER
logo
Exar Corporation
XR-2211 EXAR-XR-2211 Datasheet
242Kb / 24P
FSK Demodulator/ Tone Decoder
logo
AUK corp
S567P AUK-S567P Datasheet
101Kb / 4P
TONE DECODER
logo
Exar Corporation
XR-2211A EXAR-XR-2211A Datasheet
246Kb / 24P
FSK Demodulator/ Tone Decoder
XR-L567 EXAR-XR-L567 Datasheet
147Kb / 2P
Micropower Tone Decoder
logo
Texas Instruments
LM567CMX TI1-LM567CMX Datasheet
1Mb / 18P
Tone Decoder
LMC567 TI1-LMC567_15 Datasheet
404Kb / 14P
Low-Power Tone Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com