Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC0738 Datasheet(PDF) 4 Page - NEXTCHIP Co,Ltd

Part # VC0738
Description  4-CH AHD2.0 RX and 9-CH Audio Codec
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXTCHIP [NEXTCHIP Co,Ltd]
Direct Link  https://www.nextchip.com/en/
Logo NEXTCHIP - NEXTCHIP Co,Ltd

VC0738 Datasheet(HTML) 4 Page - NEXTCHIP Co,Ltd

  VC0738 Datasheet HTML 1Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 2Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 3Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 4Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 5Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 6Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 7Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 8Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 9Page - NEXTCHIP Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 127 page
background image
NVP6124
Data sheet
02.11.2015 (REV 0.2)
2/125
4-CH AHD2.0 RX and 9-CH Audio Codec
 Audio Codec
-. 8-Ch Audio / 1-Ch Mic Record, 1-Ch Playback
-. 10bit pipe-line ADC / 1*DAC
-. Input Analog PGA Control and control Gain digitally
-. Linear PCM (8bit/16bit, 8K/16K/32K/44.1K)
-. G.711 a-law/u-law (8bits, 8K/16K/32K/44.1K)
-. Input Mixing, Digital Volume, Mute Detection
-. SSP/DSP/I2S Interface (Master/Slave mode)
-. Cascade mode (up to 2 cascade support)
16-channels recording (with 2-channels MIC recording), mixing output, playback
 MISC
-. Built in Clock PLL
-. Single 27M OSC for 720H/960H/COMET/AHD1.0/AHD2.0 all video standards
-. Built in 4-Ch Motion/Black/White Detector(32x24)
-. Support Coaxial Protocols for supported all video standard
-. Support Each Channel MPP Pin and IRQ Pin
-. Support 4 Video Output Clocks with controlled bi-directional
-. Support I2C serial Interface
-. 1.2V / 3.3V Supply Voltage
-. 128 eTQFP,14x14, 0.4p
 Application
-. Video Security System
 Ordering Information
Device
Package
Temperature Range
NVP6124
128eTQFP
0 ~ 70℃
 Related Products
-. HI3520D/HI3521/HI3531
-. GM8283/GM8287/GM8210
-. VC0736/VC0738



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com