Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC0738 Datasheet(PDF) 77 Page - NEXTCHIP Co,Ltd

Part # VC0738
Description  4-CH AHD2.0 RX and 9-CH Audio Codec
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXTCHIP [NEXTCHIP Co,Ltd]
Direct Link  https://www.nextchip.com/en/
Logo NEXTCHIP - NEXTCHIP Co,Ltd

VC0738 Datasheet(HTML) 77 Page - NEXTCHIP Co,Ltd

Back Button VC0738 Datasheet HTML 73Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 74Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 75Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 76Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 77Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 78Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 79Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 80Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 81Page - NEXTCHIP Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 127 page
background image
NVP6124
Data sheet
02.11.2015 (REV 0.2)
75/125
4-CH AHD2.0 RX and 9-CH Audio Codec
VIDEO Registers
Registers to Power Down Mode
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
0
0x02
PD_ADAC
[7]
0x20
0x20
PD_ADAC : Power down for AUDIO DAC
0 : ON
1 : OFF
PD_VCH4
[3]
PD_VCH4 : Power down for CH4 Video AFE
PD_VCH3 : Power down for CH3 Video AFE
PD_VCH2 : Power down for CH2 Video AFE
PD_VCH1 : Power down for CH1 Video AFE
PD_VCH3
[2]
PD_VCH2
[1]
PD_VCH1
[0]
0 : ON
1 : OFF
Registers to Control Comb Filter and Video Format
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
0
0x08
AUTO_1
[7]
0x60
0x60
AUTO_x
:
A register to set the Auto Detect Mode On/Off; When the AUTO
mode has a high value, the Auto_NT_x bit value of the
STATUS
Register(BANK0, 0xEF]) is to be confirmed to distinguish NTSC-M/J and PAL-
B/D/G/H standards. It does not
support other standards, and when used in
link with the DVR controller, it cannot be used in the NON_REAL_TIME mode.
(x
=
channel 1~4 ).
0 : Auto Detect OFF
1 : Auto Detect ON
0x09
AUTO_2
0x0A
AUTO_3
0x0B
AUTO_4
0x08
BSF_MODE_1
[6:5]
BSF_MODE_x
:
Selects the filter to make primary separation of the
brightness and color signals.
(x
=
channel 1~4 )
0x09
BSF_MODE_2
0x0A
BSF_MODE_3
00 : Mode 0
10 : Mode 2
01 : Mode 1
11 : Others
0x0B
BSF_MODE_4
0x08
VIDEO_FORMAT_1
[4:0]
VIDEO_FORMAT_x : A register to determine the video standards of the input
signal
(x
=
channel 1~4 )
0x09
VIDEO_FORMAT_2
0x0A
VIDEO_FORMAT_3
00000 : NTSC-M,J
11101 : PAL-B,D,G,H,I
11111 : PAL-Nc
Others : None
10001 : NTSC-4.43
10110 : PAL-M
10101 : PAL-60
0x0B
VIDEO_FORMAT_4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com