Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN1160 Datasheet(PDF) 3 Page - STMicroelectronics

Part # VN1160
Description  DIRECTION INDICATOR DRIVER FOR MOTORBIKE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN1160 Datasheet(HTML) 3 Page - STMicroelectronics

  VN1160 Datasheet HTML 1Page - STMicroelectronics VN1160 Datasheet HTML 2Page - STMicroelectronics VN1160 Datasheet HTML 3Page - STMicroelectronics VN1160 Datasheet HTML 4Page - STMicroelectronics VN1160 Datasheet HTML 5Page - STMicroelectronics VN1160 Datasheet HTML 6Page - STMicroelectronics VN1160 Datasheet HTML 7Page - STMicroelectronics VN1160 Datasheet HTML 8Page - STMicroelectronics VN1160 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
VN1160/ VN1160-1/ VN1160T
ELECTRICAL CHARACTERISTICS (9V<VCC<16V; -20°C<Tj<85°C unless otherwise specified)
POWER
SWITCHING (VCC=Ven=13.5V)
DYNAMIC PARAMETERS
PROTECTIONS
(*) See double frequency test configuration
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vclamp
VDS Clamp Voltage
IOUT=1.6A
40
45
50
V
ICEXT
Supply Current from
CEXT Pin
VDS=0V; Vdd=5V; Tj=25 °C
810
880
950
µA
Vddcl
CEXT Clamp Voltage
ICEXT=2mA; VDS=0V
TBD
7.2
TBD
V
Vddrcl
CEXT Reverse Clamp
Voltage
ICEXT=-2mA; VDS=0V
-1.0
-0.3
V
RON
On State Resistance
Vdd=5V; IOUT=1.6A; Tj=25 °C
0.08
Ω
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
dI/dt(on)
Turn-on Current Slope
RLOAD=8Ω
0.02
A/
µs
dI/dt(off)
Turn-off Current Slope
RLOAD=8Ω
0.02
A/
µs
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
fosc
Self Oscillating Frequency
VCC=13.5V; 220µF between CEXT and
OUT; RLOAD=8Ω
1.08
1.33
1.58
Hz
Vch
Sawtooth High Level
between CEXT and OUT
VCC=13.5V
6
V
Vcl
Sawtooth Low Level
between CEXT and OUT
VCC=13.5V
4.5
V
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Ilim
Drain Current Limit
Vdd=5V; VDS=13.5V
12
A
Tjsh
Overtemperature Shutdown
125
°C
Tjrs
Overtemperature Reset
100
°C
Idf1
Double Frequency
Flashing Threshold
VCC=9.5V (*)
816
940
1066
mA
Idf2
Double Frequency
Flashing Threshold
VCC=15.5V (*)
1062
1240
1417
mA
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com