Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN1160 Datasheet(PDF) 4 Page - STMicroelectronics

Part # VN1160
Description  DIRECTION INDICATOR DRIVER FOR MOTORBIKE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN1160 Datasheet(HTML) 4 Page - STMicroelectronics

  VN1160 Datasheet HTML 1Page - STMicroelectronics VN1160 Datasheet HTML 2Page - STMicroelectronics VN1160 Datasheet HTML 3Page - STMicroelectronics VN1160 Datasheet HTML 4Page - STMicroelectronics VN1160 Datasheet HTML 5Page - STMicroelectronics VN1160 Datasheet HTML 6Page - STMicroelectronics VN1160 Datasheet HTML 7Page - STMicroelectronics VN1160 Datasheet HTML 8Page - STMicroelectronics VN1160 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4/10
VN1160/ VN1160-1/ VN1160T
2
SWITCHING CHARACTERISTICS
1
t
ILOAD
80%
20%
dI/dt(off)
dI/dt(on)
DOUBLE FREQUENCY TEST CONFIGURATION
OUT
10V<VCC<15V
10W
10W
VCC
CEXT
0.33
Ω
Test1: no defect, minimum load.
The VN1160 must oscillate at f=Fosc.
OUT
10V<VCC<15V
10W
2W
VCC
CEXT
68
Ω
Test2: defect, maximum load.
The VN1160 must oscillate at f=2 x Fosc.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com