Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9545ADGVT Datasheet(PDF) 14 Page - Texas Instruments

Part # PCA9545ADGVT
Description  4-CHANNEL I2C AND SMBus SWITCH WITH INTERRUPT LOGIC AND RESET FUNCTIONS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9545ADGVT Datasheet(HTML) 14 Page - Texas Instruments

Back Button PCA9545ADGVT Datasheet HTML 10Page - Texas Instruments PCA9545ADGVT Datasheet HTML 11Page - Texas Instruments PCA9545ADGVT Datasheet HTML 12Page - Texas Instruments PCA9545ADGVT Datasheet HTML 13Page - Texas Instruments PCA9545ADGVT Datasheet HTML 14Page - Texas Instruments PCA9545ADGVT Datasheet HTML 15Page - Texas Instruments PCA9545ADGVT Datasheet HTML 16Page - Texas Instruments PCA9545ADGVT Datasheet HTML 17Page - Texas Instruments PCA9545ADGVT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
RL = 1 kΩ
VCC
CL = 50 pF
(See Note A)
tbuf
ticr
tsth
tsds
tsdh
ticf
ticr
tscl
tsch
tsts
tvd(ACK)
or tvdL
tvdH
0.3
× VCC
Stop
Condition
tsps
Repeat
Start
Condition
Start or Repeat
Start Condition
SCL
SDA
Start
Condition
(S)
Address
Bit 7
(MSB)
Data
Bit 0
(LSB)
Stop
Condition
(P)
Two Bytes for Complete
Device Programming
I2C PORT LOAD CONFIGURATION
VOLTAGE WAVEFORMS
ticf
Stop
Condition
(P)
tsp
DUT
SDn, SCn
0.7
× VCC
0.3
× VCC
0.7
× VCC
R/W
Bit 0
(LSB)
ACK
(A)
Data
Bit 7
(MSB)
Address
Bit 1
Address
Bit 6
ACK
(A)
BYTE
DESCRIPTION
I2C address + R/W
Control register data
1
2
PCA9545A
4-CHANNEL I2C AND SMBus SWITCH
WITH INTERRUPT LOGIC AND RESET FUNCTIONS
SCPS147C – OCTOBER 2005 – REVISED OCTOBER 2006
A.
CL includes probe and jig capacitance.
B.
All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, Z
O = 50 Ω,
tr/tf = 30 ns.
C.
The outputs are measured one at a time, with one transition per measurement.
Figure 10. I2C Interface Load Circuit, Byte Descriptions, and Voltage Waveforms
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com