Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8575 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCF8575
Description  REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCF8575 Datasheet(HTML) 1 Page - Texas Instruments

  PCF8575 Datasheet HTML 1Page - Texas Instruments PCF8575 Datasheet HTML 2Page - Texas Instruments PCF8575 Datasheet HTML 3Page - Texas Instruments PCF8575 Datasheet HTML 4Page - Texas Instruments PCF8575 Datasheet HTML 5Page - Texas Instruments PCF8575 Datasheet HTML 6Page - Texas Instruments PCF8575 Datasheet HTML 7Page - Texas Instruments PCF8575 Datasheet HTML 8Page - Texas Instruments PCF8575 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
www.ti.com
FEATURES
DB, DBQ, DGV, DW, OR PW PACKAGE
(TOP VIEW)
INT
A1
A2
P00
P01
P02
P03
P04
P05
P06
P07
GND
VCC
SDA
SCL
A0
P17
P16
P15
P14
P13
P12
P11
P10
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
RHL PACKAGE
(TOP VIEW)
1
24
12
13
2
3
4
5
6
7
8
9
10
11
23
22
21
20
19
18
17
16
15
14
SDA
SCL
A0
P17
P16
P15
P14
P13
P12
P11
A1
A2
P00
P01
P02
P03
P04
P05
P06
P07
24 23 22 21 20
7
8
9 10 11
1
2
3
4
5
6
18
17
16
15
14
13
RGE PACKAGE
(TOP VIEW)
19
12
P00
P01
P03
P03
P04
P05
A0
P17
P16
P15
P14
P13
DESCRIPTION/ORDERING INFORMATION
PCF8575
REMOTE 16-BIT I2C AND SMBus I/O EXPANDER
WITH INTERRUPT OUTPUT
SCPS121C – JANUARY 2005 – REVISED OCTOBER 2006
•
Low Standby-Current Consumption of
•
Current Source to V
CC for Actively Driving a
10
µA Max
High at the Output
•
I2C to Parallel-Port Expander
•
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
•
Open-Drain Interrupt Output
•
ESD Protection Exceeds JESD 22
•
Compatible With Most Microcontrollers
– 2000-V Human-Body Model (A114-A)
•
400-kHz Fast I2C Bus
– 200-V Machine Model (A115-A)
•
Address by Three Hardware Address Pins for
Use of up to Eight Devices
– 1000-V Charged-Device Model (C101)
•
Latched Outputs With High-Current Drive
Capability for Directly Driving LEDs
This 16-bit I/O expander for the two-line bidirectional bus (I2C) is designed for 2.5-V to 5.5-V VCC operation.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Reel of 2000
PCF8575DBR
SSOP – DB
PF575
Reel of 250
PCF8575DBT
QSOP – DBQ
Reel of 2500
PCF8575DBQR
PCF8575
TVSOP – DGV
Reel of 2000
PCF8575DGVR
PF575
Tube of 25
PCF8575DW
SOIC – DW
PCF8575
–40
°C to 85°C
Reel of 2000
PCF8575DWR
Tube of 60
PCF8575PW
TSSOP – PW
Reel of 1200
PCF8575PWR
PF575
Reel of 250
PCF8575PWT
QFN – RGE
Reel of 3000
PCF8575RGER
PF575
QFN – RHL
Reel of 1000
PCF8575RHLR
PF575
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCF8575

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8575 PHILIPS-PCF8575 Datasheet
105Kb / 24P
Remote 16-bit I/O expander for I2C-bus
1999 Apr 07
PCF8575 NXP-PCF8575 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
logo
Texas Instruments
PCF8575 TI-PCF8575 Datasheet
1,010Kb / 32P
REMOTE 16-BIT I2C AND SMBus I/O EXPANDERWITH INTERRUPT OUTPUT
logo
NXP Semiconductors
PCF8575C PHILIPS-PCF8575C Datasheet
107Kb / 24P
Remote 16-bit I/O expander for I2C-bus
1999 Aug 05
logo
Texas Instruments
PCF8575C TI-PCF8575C Datasheet
667Kb / 26P
REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT
More results

Similar Description - PCF8575

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8575 PHILIPS-PCA8575 Datasheet
179Kb / 30P
Remote 16-bit I/O expander for I2C-bus with interrupt
Rev. 01-30 November 2006
logo
Texas Instruments
PCA9535 TI-PCA9535 Datasheet
834Kb / 35P
REMOTE 16-BIT I2C AND SMBus, LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9539 TI-PCA9539 Datasheet
777Kb / 34P
REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9554A TI-PCA9554A Datasheet
650Kb / 33P
REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555 Datasheet
842Kb / 35P
REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCF8575C TI-PCF8575C Datasheet
667Kb / 26P
REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT
PCA9555 TI-PCA9555_08 Datasheet
818Kb / 35P
REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_10 Datasheet
817Kb / 35P
REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554DW TI-PCA9554DW Datasheet
933Kb / 36P
REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCF8575DWRG4 TI-PCF8575DWRG4 Datasheet
1,010Kb / 32P
REMOTE 16-BIT I2C AND SMBus I/O EXPANDERWITH INTERRUPT OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com