Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8575 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PCF8575
Description  REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCF8575 Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCF8575 Datasheet HTML 6Page - Texas Instruments PCF8575 Datasheet HTML 7Page - Texas Instruments PCF8575 Datasheet HTML 8Page - Texas Instruments PCF8575 Datasheet HTML 9Page - Texas Instruments PCF8575 Datasheet HTML 10Page - Texas Instruments PCF8575 Datasheet HTML 11Page - Texas Instruments PCF8575 Datasheet HTML 12Page - Texas Instruments PCF8575 Datasheet HTML 13Page - Texas Instruments PCF8575 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
www.ti.com
Switching Characteristics
PCF8575
REMOTE 16-BIT I2C AND SMBus I/O EXPANDER
WITH INTERRUPT OUTPUT
SCPS121C – JANUARY 2005 – REVISED OCTOBER 2006
over recommended operating free-air temperature range, C
L ≤ 100 pF (unless otherwise noted) (see Figure 7 and Figure 8)
FROM
TO
PARAMETER
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
tiv
Interrupt valid time
P port
INT
4
µs
tir
Interrupt reset delay time
SCL
INT
4
µs
tpv
Output data valid
SCL
P port
4
µs
tsu
Input data setup time
P port
SCL
0
µs
th
Input data hold time
P port
SCL
4
µs
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com