Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8575DGVR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PCF8575DGVR
Description  REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCF8575DGVR Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCF8575DGVR Datasheet HTML 5Page - Texas Instruments PCF8575DGVR Datasheet HTML 6Page - Texas Instruments PCF8575DGVR Datasheet HTML 7Page - Texas Instruments PCF8575DGVR Datasheet HTML 8Page - Texas Instruments PCF8575DGVR Datasheet HTML 9Page - Texas Instruments PCF8575DGVR Datasheet HTML 10Page - Texas Instruments PCF8575DGVR Datasheet HTML 11Page - Texas Instruments PCF8575DGVR Datasheet HTML 12Page - Texas Instruments PCF8575DGVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
www.ti.com
Electrical Characteristics
I2C Interface Timing Requirements
PCF8575
REMOTE 16-BIT I2C AND SMBus I/O EXPANDER
WITH INTERRUPT OUTPUT
SCPS121C – JANUARY 2005 – REVISED OCTOBER 2006
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP(1)
MAX
UNIT
VIK
Input diode clamp voltage
II = –18 mA
2.5 V to 5.5 V
–1.2
V
VPOR Power-on reset voltage(2)
VI = VCC or GND, IO = 0
VPOR
1.2
1.8
V
IOH
P port
VO = GND
2.5 V to 5.5 V
–30
–300
µA
IOHT
P-port transient pullup current
High during ACK, VOH = GND
2.5 V
–0.5
–1
mA
SDA
VOL = 0.4 V
3
VOL = 0.4 V
5
15
IOL
P port
2.5 V to 5.5 V
mA
VOL = 1 V
10
25
INT
VOL = 0.4 V
1.6
SCL, SDA
±5
II
VI = VCC or GND
2.5 V to 5.5 V
µA
A0, A1, A2
±1
IIHL
P port
VI ≥ VCC or VI ≤ GND
2.5 V to 5.5 V
±400
µA
5.5 V
100
200
VI = VCC or GND, IO = 0,
Operating mode
3.6 V
30
75
fscl = 400 kHz
2.7 V
20
50
ICC
µA
5.5 V
2.5
10
Standby mode
VI = VCC or GND, IO = 0, fscl = 0 kHz
3.6 V
2.5
10
2.7 V
2.5
10
One input at VCC – 0.6 V,
∆I
CC
Supply current increase
2.5 V to 5.5 V
200
µA
Other inputs at VCC or GND
CI
SCL
VI = VCC or GND
2.5 V to 5.5 V
3
7
pF
SDA
3
7
Cio
VIO = VCC or GND
2.5 V to 5.5 V
pF
P port
4
10
(1)
All typical values are at nominal supply voltage (2.5-V, 3.3-V, or 5-V VCC) and TA = 25°C.
(2)
The power-on reset circuit resets the I2C bus logic with VCC < VPOR and sets all I/Os to logic high (with current source to VCC).
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 6)
MIN
MAX
UNIT
fscl
I2C clock frequency
400
kHz
tsch
I2C clock high time
0.6
µs
tscl
I2C clock low time
1.3
µs
tsp
I2C spike time
50
ns
tsds
I2C serial data setup time
100
ns
tsdh
I2C serial data hold time
0
ns
ticr
I2C input rise time
20 + 0.1Cb(1)
300
ns
ticf
I2C input fall time
20 + 0.1Cb(1)
300
ns
tocf
I2C output fall time
10-pF to 400-pF bus
300
ns
tbuf
I2C bus free time between Stop and Start
1.3
µs
tsts
I2C start or repeated Start condition setup
0.6
µs
tsth
I2C start or repeated Start condition hold
0.6
µs
tsps
I2C Stop condition setup
0.6
µs
tvd
Valid-data time
SCL low to SDA output valid
1.2
µs
Cb
I2C bus capacitive load
400
pF
(1)
Cb = total bus capacitance of one bus line in pF
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com